Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809062000 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 32Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 33Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 34Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 35Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 36Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 37Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 38Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 39Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 164 page
background image
www.Rose-Bopla.com
34
Dimensions
mm
Model Number
Part Number
Description
W x D x H rear
W x D x H rear
157 x 199 x 100
157 x 199 x 100
157 x 199 x 120
157 x 199 x 120
291 x 199 x 100
291 x 199 x 100
291 x 199 x 120
291 x 199 x 120
6.18 x 7.83 x 3.94
6.18 x 7.83 x 3.94
6.18 x 7.83 x 4.72
6.18 x 7.83 x 4.72
11.46 x 7.83 x 3.94
11.46 x 7.83 x 3.94
11.46 x 7.83 x 4.72
11.46 x 7.83 x 4.72
• Two basic sizes, each with opened or closed console surface and open rear section
that will accept a 2mm thick slide-in panel
• Console can be easily adapted to meet your requirements by using aluminum front
panels.
• Internal mounting bosses in base for self-tapping screws
Mini Console Housings
Included in delivery
Lid, base, 4 screw covers, 4 rubber feet, and 4 assembly
screws
(front panels not included)
Technical Data
Color
Material
Ingress Protection
Surface Resistance
Flammability
Light gray, similar to RAL 7035. Screws, covers and wall brackets, agate gray, similar to
RAL 7038. Special colors on request. Minimum order quantities apply.
ABS plastic
IP 40/DIN EN 60529
>1014 Ohm to DIN 53482
UL 94 HB/1.6
Model
Number
Part
Number
UM 32014
UMP 32014 FP
UMP 32018
UMP 32018 FP
UMP 62014
UMP 62014 FP
UMP 62018
UMP 62018 FP
45320140 00
45320145 00
45320180 00
45320185 00
45620140 00
45620145 00
45620180 00
45620185 00
Dimensions
Inches
Rear panel, aluminum for UMP 32014 / UMP 32014 FP
Real panel, plastic for UMP 32014 / UMP 32014 FP
Aluminum front panel for console areas
Wall brackets for UMP 32014 and UMP 32016
Rear panel aluminum for UMP 62014 / UMP 62014 FP
Real panel plastic for UMP 62014 / UMP 62014 FP
Aluminum front panel for UMP 62014 / UMP 62014FP, UMP 32018 / UMP 32018 FP
Rear panel aluminum for UMP 32018 / UMP 32018 FP
Rear panel plastic for UMP 32018 / UMP 32018 FP
Wall brackets for UMP 32018 and UMP 62018
Rear panel, aluminum for UMP 32018 / UMP 32018 FP
Rear panel, plastic for UMP 32018 / 32018 FP
Accessories
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
FP 30014
FPK 30014
FPP 32000
UM 1230 WLN
FP 60014
FPK 60014
FPP 62000
FP 30018
FPK 30018
UM 1230 WLH
FP 60018
FPK 60018
56031400 00
56031410 00
29320180 00
56002100 00
56061400 00
56061410 00
29620180 00
56031800 00
56031810 00
56002000 00
56061800 00
56061810 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com