Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809062000 Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 79Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 80Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 81Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 82Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 83Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 84Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 85Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 86Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
81
37101006 00
37151006 00
37151508 00
37201006 00
37202008 00
37202012 00
37301508 00
37302008 00
37302012 00
37303012 00
37303016 00
37383816 00
37401508 00
37402012 00
37403016 00
37503016 00
37504016 00
37602012 00
37999999 00
• Universal standard enclosures for hygienic areas
• High surface quality 1.4301
• No gaps in cover/lower section - ingress protection up to IP 66
• Special versions and sizes available as an option for 25 pieces and above
Standard Stainless Steel Enclosures
Included in delivery
Enclosure base with internal mounting support bars for
DIN rail mounting, 4 floor break-outs with or without
mounting holes, gasket and mounting nuts, cover with
internal threaded bolts and captive lid screws.
Technical Data
Material
Ingress Protection
Surface
Temperature Range
Stainless steel 1.25 mm or 1.5mm; 1.4301/304. Other materials on request
IP 66, EN 60529. High pressure cleaning-resistant on request
Polished 240 grain. Other surface on request
-76°F to +266°F
Part Number
Enclosure with floor break-
outs and mounting holes
Part Number
Enclosure without
mounting holes
Dimensions
mm
Dimensions
Inches
L x W x H
L xW x H
37101096 00
37151096 00
37151598 00
37202098 00
37202092 00
37302092 00
3.94 x 3.94 x 2.40
5.90 x 3.94 x 2.40
5.90 x 5.90 x 3.19
7.87 x 3.94 x 2.40
7.87 x 7.87 x 3.19
7.87 x 7.87 x 4.76
11.81 x 5.90 x 3.19
11.81 x 7.87 x 3.19
11.81 x 7.87 x 4.76
11.81 x 11.81 x 4.76
11.81 x 11.81 x 6.34
14.96 x 14.96 x 6.34
15.75 x 5.90 x 3.19
15.75 x 7.87 x 4.76
15.75 x 11.81 x 6.34
19.68 x 11.81 x 6.34
19.68 x 15.75 x 6.34
23.62 x 7.87 x 4.76
Special dimension
100 x 100 x 61
150 x 100 x 61
150 x 150 x 81
200 x 100 x 61
200 x 200 x 81
200 x 200 x 121
300 x 150 x 81
300 x 200 x 81
300 x 200 x 121
300 x 300 x 121
300 x 300 x 161
380 x 380 x 161
400 x 150 x 81
400 x 200 x 121
400 x 300 x 161
500 x 300 x 161
500 x 400 x 161
600 x 200 x 121
Special dimension
Accessories
Part Number
37105000 00
10093041 00
10091001 00
External bracket set (4 pcs.)
Mounting plate screws
Allen head lid screws
UL 50
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com