Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809062000 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 63Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 64Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 65Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 66Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 67Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 68Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 69Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 70Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
65
•
•
•
•
•
•
Model
FA
BC
RD
•
•
•
Front lids
Front frames, closed
Front frames, open
Front frames, open, with protective door
Front panels
Bases for control and mounting
Rear lids, low/tall
FD
FR
FCT
FO
Part Number Prefix
Accessories
134
184
281
5.27
7.24
11.06
144
144
144
5.67
5.67
5.67
• Gives the user almost infinite possibilities for the optimal integration of individual electronic
components
• Can be used as a desktop, wall or control panel mounted enclosure
• Mountable hinges mean that separate parts can be swiveled as required
Included in delivery
Modular product sold by individual components. See below for
details.
Technical Data
Color
Material
Gasket Material
Ingress Protection
Surface Resistance
Disruptive Strength
Flammability
Temperature Range
Base parts, light gray, similar to RAL 7035; front lid in G-version, crystal clear, front and rear
parts, graphite gray, similar to RAL 7024. Special colors on request. Minimum order quantities
apply.
ABS, polycarbonate front lids (FD...G), for standard product
Neoprene
IP 65 DIN VDE 0470, NEMA 12
ABS, >1014 Ohm to DIN 53482, Polycarbonate, >1015 Ohm to DIN 53482
Polycarbonate 28KV/mm to DIN 53481
ABS, UL 94 HB/1.6, Polycarbonate, UL 94 V2/1.14
up to +167°F
Model
1000
2000
3000
Front Length
mm
Front Length
Inches
Front Height
Inches
Front Height
Inches
CombiCard 1000-3000
Dimensions without lid
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
For detailed information and part numbers see website. www.rose-bopla.com
WR...
WR...H
FP..AI
FP..AA
FA...
FA...I
MR...
MR...K
HS...
Wall frame
Wall frames for low/high rear parts
Internal aluminum front panels (assembly material included with FO... and FCT...FP)
External aluminum front panels (including assembly material)
Aluminum front panels for base parts (including assembly material)
Internal mounting plate for base parts in combination with front element (including assembly material)
Mounting plate for rear wall (includind assembly material)
Mounting plate for rear wall lid with terminal compartment (including assembly material)
Handle
Model Number
Version
Depth
mm
Front Sections
FD...
FR...
FO...
FCT...F(P)
Bases
BC...(L)
BC...N
BC...NG
Rear Lids
RD...
RD...H(SC)
RD...K(SC)
RD...G-K(SC)
Depth
Inches
Front lids with screws
Front frames, closed with screws
Front frames, open, screws
Front frames, open, with protective door and screws
BC... -base, without air vents includes seal. BC...(L) with air vents, no seal.
Bases, low with seal including integrated fixing kit for control panel mounting
Bases for control panel mounting, (Includes base part with seal and integrated mounting kit for control
panel mounting
Rear lids, low with seal, screws
RD...H-rear lid, tall with seal screws. RD...H(SC)-rear lid, tall with seal, hinges, and assembly material
RD...K-rear lid, terminal compartments cover, seals, screws. RD...K(SC)-rear lid, terminal compartment
cover,seals, screws, hinge elements and assembly material
Rear lids with large terminal compartment
Model Number
Version
G=Transparent cover
P=Open
L=With air vents
K=Terminal compartment
SC=With hinges
34
33.6
33.6
50
87.5
51
87.5
29.6
48
48-60
48-60
1.34
1.32
1.32
1.97
3.44
2.00
3.44
1.16
1.89
1.89-2.36
1.89-2.36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com