Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809062000 Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 76Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 77Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 78Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 79Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 80Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 81Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 82Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 83Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 164 page
background image
Accessories
Depth
Inches/mm
3.35 / 85.0
4.31 / 109.5
4.68 / 119.0
5.55 / 141.0
6.51 / 165.5
2.48 / 63.0
3.35 / 85.0
4.31 / 109.5
4.68 / 119.0
5.55 / 141.0
6.51 / 165.5
2.52 / 64.0
2.68 / 68.0
3.38 / 86.0
4.35 / 110.5
4.72 / 120.0
5.59 / 142.0
6.55 / 166.5
Height
Inches/mm
1.89 / 48.0
1.89 / 48.0
1.89 / 48.0
1.89 / 48.0
1.89 / 48.0
3.78 / 96.0
3.78 / 96.0
3.78 / 96.0
3.78 / 96.0
3.78 / 96.0
3.78 / 96.0
5.67 / 144.0
5.67 / 144.0
5.67 / 144.0
5.67 / 144.0
5.67 / 144.0
5.67 / 144.0
5.67 / 144.0
Width
Inches/mm
3.78 / 96.0
3.78 / 96.0
3.78 / 96.0
3.78 / 96.0
3.78 / 96.0
3.78 / 96.0
3.78 / 96.0
3.78 / 96.0
3.78 / 96.0
3.78 / 96.0
3.78 / 96.0
5.67 / 144.0
5.67 / 144.0
5.67 / 144.0
5.67 / 144.0
5.67 / 144.0
5.67 / 144.0
5.67 / 144.0
17940801 00
17941001 00
17941101 00
17941301 00
17941601 00
17960601 00
17960801 00
17961001 00
17961101 00
17961301 00
17961601 00
17980601 00
17980605 00
17980801 00
17981001 00
17981101 00
17981301 00
17981601 00
NGS 9408
NGS 9410
NGS 9411
NGS 9413
NGS 9416
NGS 9606
NGS 9608
NGS 9610
NGS 9611
NGS 9613
NGS 9616
NGS 9806
NGS 9806 GR
NGS 9808
NGS 9810
NGS 9811
NGS 9813
NGS 9816
Depth
Inches/mm
Height
Inches/mm
Width
Inches/mm
www.Rose-Bopla.com
78
• Specifically designed to conform to the dimensional standard DIN 43700
• Housings slotted internally to accept PC boards comes in 36 different sizes
• Clear PVC front covers (available as an accessory) protect the front elements
up to IP65
Included in delivery
Enclosure body, standard front frame, rear cover, and
assembly screws.
Technical Data
Color
Material
Ingress Protection
Flammability
Gasket
Impact Resistance
Disruptive Strength
Black, similar to RAL 9005
Flame resistant Noryl SE 1 GFN 1
IP 40, IP 65 possible with rubber hoods, part types NGS...GHN
UL 94 V1/1.47
Neoprene
200 JM at 23°C
26 KV/mm to DIN 53481
Model Number
Part Number
Part Number
1.89 / 48.0
1.89 / 48.0
1.89 / 48.0
1.89 / 48.0
1.89 / 48.0
5.67 / 144.0
5.67 / 144.0
5.67 / 144.0
5.67 / 144.0
5.67 / 144.0
5.67 / 144.0
2.83 / 72.0
2.83 / 72.0
2.83 / 72.0
2.83 / 72.0
2.83 / 72.0
2.83 / 72.0
3.78 / 96.0
NGS 4806
NGS 4808
NGS 4810
NGS 4811
NGS 4813
NGS 7406
NGS 7408
NGS 7410
NGS 7411
NGS 7413
NGS 7416
NGS 7706
NGS 7708
NGS 7710
NGS 7711
NGS 7713
NGS 7716
NGS 9406
17480601 00
17480801 00
17481001 00
17481101 00
17481301 00
17740601 00
17740801 00
17741001 00
17741101 00
17741301 00
17741601 00
17770601 00
17770801 00
17771001 00
17771101 00
17771301 00
17771601 00
17940601 00
NGS Panel Meter Housing
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
1.89 / 48.0
1.89 / 48.0
1.89 / 48.0
1.89 / 48.0
1.89 / 48.0
2.83 / 72.0
2.83 / 72.0
2.83 / 72.0
2.83 / 72.0
2.83 / 72.0
2.83 / 72.0
2.83 / 72.0
2.83 / 72.0
2.83 / 72.0
2.83 / 72.0
2.83 / 72.0
2.83 / 72.0
1.89 / 48.0
2.48 / 63.0
3.36 / 85.0
4.31 / 109.5
4.68 / 119.0
5.55 / 141.0
2.52 / 64.0
3.38 / 86.0
4.35 / 110.5
4.72 / 120.0
5.59 / 142.0
6.55 / 166.5
2.48 / 63.0
3.35 / 85.0
4.31 / 109.5
4.68 / 119.0
5.55 / 141.0
6.51 / 165.5
2.48 / 63.0
Model Number
Model Number
NGS...NF
NGS...NK
NGS...ZE
NGS...NH
NGS...FKT
NGS...FAE
NGS...F
NGS...TK
NGS...SA
NGS...AH
NGS...DA
NGS...DI
NGS...GHN
NGS...RKS
SHLO-302
Spring clamp (pk of 2)
Screw clamp (pk of 2)
Connecting piece for DIN retaining clasp (pk of 2)
DIN retaining clasp (pk of 2)
Plastic front panel, red translucent, 3mm thick
Aluminum front panel, anodized aluminum, 1.5mm thick
Membrane front, firmly latching
NGS front door lockable by means of knob for models 74..., 96..., and 98
Firmly latching front frame
Clear hood cover
Seal enclosure / control panel (pk of 5)
Seal front panel / enclosure (pk of 5)
Flexible tansparent PVC hoods for IP 65 front seal
Rear lid
Cylinder catch for front door
Description
NGS 9806-GR with stepped rear panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com