Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809062000 Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 87Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 88Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 89Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 90Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 91Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 92Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 93Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 94Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 95Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 164 page
background image
External
Dimensions
mm
Part
Number
Standard
Complete
Part Number
Standard Enclosure
Body with
Front Panel
Part Number
Standard Rear
Panel
Separate
Part Number
Standard Front
Panel
Separate
Part Number
Standard Rear
Panel
Recessed
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
89
Accessories
Description
29111000 00
29121000 00
29131000 00
29191000 00
29141000 00
29151000 00
29161000 00
29171000 00
29110000 00
29120000 00
29130000 00
29190000 00
29110001 00
29120001 00
29130001 00
29190001 00
29110002 00
29120002 00
29190002 00
29190002 00
-
-
29130003 00
-
Wall mount element including enclosure modification
Modification for crane cable gland
Cable gland with bending protection M 25 x 1.5
Cable gland reduction M 25 / M 12
Cable gland reduction M 25 / M 16
Cable gland reduction M 25 / M 20
Crane cable gland for cable diameter 10-22 mm
M4 spring nuts for internal mounting, set of 4 pieces
PCB mounting set (4 pieces including spring nuts)
Wall mount bracket (set single)
Magnetic wall mount, 1 piece
EMC cable gland with bending protection M 25 x 1.5
29001000 00
29000030 00
08100125 00
08102512 00
08102516 00
08102520 00
29000800 00
29000050 00
29000060 00
29000070 00
29000080 00
08100125 00
• Polyamide hand held enclosure for automation engineering and data acquisition
• Large component space
• Variable length using profile technology
• Optional EMC suitable version with internal enclosure in aluminum
Mobile Controls Units 2911, 2912, 2913
Included in delivery
Enclosure system consisting of Polyamide internal
enclosure with end caps, two PVC side cover profiles,
aluminum front panel, rear panel, 2 external end caps,
with M 25 x 1.5 threaded hole for cable gland.
Technical Data
Color
Material
Ingress Protection
Gasket
Impact Resistance
Temperature Range
End caps: yellow, similar to RAL 1021
Body and rear panel : black, similar to RAL 9005
Inner enclosure body: Polyamide
Side cover: Black PVC extrusion
Rear panel: Black laminated board, 3mm, plastic-coated
End caps: Yellow polyamide
IP 65 to EN 60529, NEMA 12
Neoprene
>7 Nm, EN 50014
-4°F to +158°F
Part
Number
EMC
Complete
Dimensions
Inches
W x L x H
W x L x H
191 x 280 x 76
191 x 330 x 76
191 x 440 x 76
Special length
7.52 x 11.02 x 2.99
7.52 x 12.99 x 2.99
7.52 x 17.32 x 2.99
Special length
Part Number
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com