Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809062000 Datasheet(PDF) 77 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 77 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 73Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 74Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 75Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 76Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 77Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 78Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 79Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 80Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 81Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
75
Model
Number
Part
Number
Light Gray
Part
Number
Graphite Gray
Description
Model Number
Accessories
BCD FP...
BCD FPK...
BCD TP...
BCD M...
BCD WL-7035
TSH 35-2
Front panel, 1.5 mm aluminum
Front panel, 2 mm plastic
Partition, 1.5 mm hard paper
Mounting panel, 2 mm hard paper
4 Wall brackets and assembly screws
DIN rail holders (2 pieces) and assembly screws
Description
Model Number
SHLO 402
BCD...WB
BCD HS 2-9005
BCD...GE-7024
BCD...GE-B
Cylinder lock (1 lock, 2 keys)
Wall mounting fastening angle and assembly screws
Handle (2 side section, 2 anti-slip elements, profile and assembly material)
Handle element
Set-up bow for handle element
BCD 160 Set 11-7035
BCD 200 Set 11-7035
BCD 250 Set 11-7035
BCD 160 Set 12-7035
BCD 200 Set 12-7035
BCD 250 Set 12-7035
BCD 160 Set 13-7035
BCD 200 Set 13-7035
BCD 250 Set 13-7035
BCD 310 Set 13-7035
BCD 400 Set 13-7035
BCD 160 Set 14-7035
BCD 200 Set 14-7035
BCD 250 Set 14-7035
BCD 310 Set 14-7035
BCD 400 Set 14-7035
BCD 160 Set 10-7024
BCD 200 Set 10-7024
BCD 250 Set 10-7024
BCD 160 Set 11-7024
BCD 200 Set 11-7024
BCD 250 Set 11-7024
BCD 160 Set 12-7024
BCD 200 Set 12-7024
BCD 250 Set 12-7024
BCD 160 Set 13-7024
BCD 200 Set 13-7024
BCD 250 Set 13-7024
BCD 310 Set 13-7024
BCD 400 Set 13-7024
BCD 160 Set 14-7024
BCD 200 Set 14-7024
BCD 250 Set 14-7024
BCD 310 Set 14-7024
BCD 400 Set 14-7024
20162410 00
20202410 00
20252410 00
20162411 00
20202411 00
20252411 00
20162412 00
20202412 00
20252412 00
20162413 00
20202413 00
20252413 00
20312413 00
20402413 00
20162414 00
20202414 00
20252414 00
20312414 00
20402414 00
Dimensions
Inches
W x L x H
Dimensions
mm
W x L x H
BCD 160 Set 10-7035
BCD 200 Set 10-7035
BCD 250 Set 10-7035
20163510 00
20203510 00
20253510 00
20163511 00
20203511 00
20253511 00
20163512 00
20203512 00
20253512 00
20163513 00
20203513 00
20253513 00
20313513 00
20403513 00
20163514 00
20203514 00
20253514 00
20313514 00
20403514 00
Model
Number
High enclosure, with membrane lid
Flat enclosure, with membrane lid
High enclosure, with hinged membrane lid
Flat enclosure, with hinged membrane lid
178 x 199 x 54.0
203 x 229 x 59.0
233 x 264 x 69.0
7.01 x 7.83 x 2.12
7.99 x 9.01 x 2.32
9.17 x 10.39 x 2.72
7.01 x 7.83 x 3.50
7.99 x 9.01 x 3.90
9.17 x 10.39 x 4.88
7.01 x 7.83 x 2.12
7.99 x 9.01 x 2.32
9.17 x 10.39 x 2.72
7.05 x 7.83 x 4.19
8.03 x 9.01 x 4.57
9.21 x 10.39 x 5.55
11.38 x 12.75 x 5.72
13.54 x 15.90 x 6.32
7.05 x 7.83 x 2.81
8.03 x 9.01 x 2.99
9.21 x 10.39 x 3.38
11.38 x 12.75 x 4.38
13.54 x 15.90 x 4.41
178 x 199 x 54.0
203 x 229 x 59.0
233 x 264 x 69.0
179 x 199 x 106.5
204 x 229 x 116.0
234 x 264 x 141.0
289 x 324 x 145.2
344 x 404 x 160.5
179 x 199 x 71.5
204 x 229 x 76.0
234 x 264 x 86.0
289 x 324 x 111.2
344 x 404 x 112.0
178 x 199 x 89.0
203 x 229 x 99.0
233 x 264 x 124
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
BCD 160 Set 07-7035
BCD 200 Set 07-7035
BCD 250 Set 07-7035
BCD 160 Set 08-7035
BCD 200 Set 08-7035
BCD 250 Set 08-7035
BCD 160 Set 09-7035
BCD 200 Set 09-7035
BCD 250 Set 09-7035
BCD 160 Set 07-7024
BCD 200 Set 07-7024
BCD 250 Set 07-7024
BCD 160 Set 08-7024
BCD 200 Set 08-7024
BCD 250 Set 08-7024
BCD 160 Set 09-7024
BCD 200 Set 09-7024
BCD 250 Set 09-7024
178 x 199 x 89.0
203 x 229 x 99.0
233 x 264 x 124
178 x 199 x 54.0
203 x 229 x 59.0
233 x 264 x 69.0
178 x 199 x 89.0
203 x 229 x 99.0
233 x 264 x 124
20162407 00
20202407 00
20252407 00
20162408 00
20202408 00
20252408 00
20162409 00
20202409 00
20252409 00
20163507 00
20203507 00
20253507 00
20163508 00
20203508 00
20253508 00
20163509 00
20203509 00
20253509 00
High enclosure with front frame open, without terminal compartment
Flat enclosure, with front frame open, without terminal compartment
High enclosure, with front frame open, including terminal compartment cover
7.01 x 7.83 x 3.50
7.99 x 9.01 x 3.90
9.17 x 10.39 x 4.88
7.01 x 7.83 x 3.50
7.99 x 9.01 x 3.90
9.17 x 10.39 x 4.88
7.01 x 7.83 x 2.12
7.99 x 9.01 x 2.32
9.17 x 10.39 x 2.72
Flat enclosure, with front frame open, including terminal compartment cover



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com