Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM87 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM87
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM87 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button LM87 Datasheet HTML 22Page - National Semiconductor (TI) LM87 Datasheet HTML 23Page - National Semiconductor (TI) LM87 Datasheet HTML 24Page - National Semiconductor (TI) LM87 Datasheet HTML 25Page - National Semiconductor (TI) LM87 Datasheet HTML 26Page - National Semiconductor (TI) LM87 Datasheet HTML 27Page - National Semiconductor (TI) LM87 Datasheet HTML 28Page - National Semiconductor (TI) LM87 Datasheet HTML 29Page - National Semiconductor (TI) LM87 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Functional Description (Continued)
13.5 Configuration Register 1 — Address 40h
Power on default – <7:0> = 00001000 binary
Bit
Name
Read/Write
Description
0
Start
Read/Write
A one enables startup of monitoring operations, a zero puts the part in standby mode.
Note: The outputs of Interrupt pins will not be cleared if the user writes a zero to this
location after an interrupt has occurred, unlike the “INT_Clear” bit.
At start up, limit checking functions and scanning begin. Note, all limits should be set in
the Value RAM before setting this bit HIGH.
1
INT# Enable
Read/Write
A one enables the INT# Interrupt output.
2
THERM#
Enable
Read/Write
A one enables the THERM# Interrupt output.
3
INT#_Clear
Read/Write
A one disables the INT# output without affecting the contents of Interrupt Status
Registers. The device will stop monitoring. It will resume upon clearing of this bit.
4
RESET#
Read/Write
A one outputs a 20 ms minimum active low reset signal at RESET#. This bit is cleared
once the pulse has gone inactive.
5
Reserved
Read/Write
6
THERM#_Clear
Read/Write
A one disables the THERM# output without affecting the contents of Interrupt Status
Registers.
7
INITIALIZATION
Read/Write
A one restores power on default values to the Configuration Register, Interrupt Status
Registers, Interrupt Mask Registers, CI Clear Register, VID/Fan Divisor Register, VID4,
Temperature Configuration Register, and the Extended Mode Registers. This bit clears
itself since the power on default is zero.
13.6 Interrupt Status Register 1 — Address 41h
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read/Write
Description
0
+2.5Vin
Read Only
A one indicates a High or Low limit has been exceeded.
1
Vccp1
Read Only
A one indicates a High or Low limit has been exceeded.
2
Vcc
Read Only
A one indicates a High or Low limit has been exceeded.
3
+5Vin
Read Only
A one indicates a High or Low limit has been exceeded.
4
Int. Temp.
Read Only
A one indicates a High or Low limit has been exceeded.
5
Ext. Temp.
Read Only
A one indicates a High or Low limit has been exceeded.
6
FAN1/AIN1
Read Only
A one indicates the fan count limit has been exceeded or an AIN1 High or Low limit has
been exceeded.
7
FAN2/AIN2
Read Only
A one indicates the fan count limit has been exceeded or an AIN2 High or Low limit has
been exceeded.
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com