Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM87 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM87
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM87 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM87 Datasheet HTML 1Page - National Semiconductor (TI) LM87 Datasheet HTML 2Page - National Semiconductor (TI) LM87 Datasheet HTML 3Page - National Semiconductor (TI) LM87 Datasheet HTML 4Page - National Semiconductor (TI) LM87 Datasheet HTML 5Page - National Semiconductor (TI) LM87 Datasheet HTML 6Page - National Semiconductor (TI) LM87 Datasheet HTML 7Page - National Semiconductor (TI) LM87 Datasheet HTML 8Page - National Semiconductor (TI) LM87 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Pin Description (Continued)
Pin
Name(s)
Pin
Number
Number
of Pins
Type
Description
GND
8
1
GROUND
The system ground pin. Internally connected to all circuitry. The
ground reference for all analog inputs and the DAC output. This pin
needs to be connected to a low noise analog ground plane for
optimum performance of the DAC output.
V
+ (+2.8 V to
+3.8 V)
9
1
POWER
+3.3 V V
+ power. Bypass with the parallel combination of 10 µF
(electrolytic or tantalum) and 0.1 µF (ceramic) bypass capacitors.
INT# /ALERT#
10
1
Digital Output
Interrupt active low open-drain output. This output is enabled when
Bit 1 in the Configuration Register is set to 1. The default state is
disabled. It has an on-chip 100 k
Ω pullup resistor. Alternately used
as an active low output to signal SMBus Alert Response Protocol.
DACOut/NTEST_IN
11
1
Analog
Output/Digital
Input
0 V to +2.5 V amplitude 8-bit DAC output. When forced high on
power up by an external voltage the NAND Tree Test mode is
enabled which provides board-level connectivity testing.
RESET#
12
1
Digital I/O
Master Reset, 5 mA driver (open-drain), active low output with a 20
ms minimum pulse width. Available when enabled via Bit 4 in the
Configuration register. It also acts as an active low power on
RESET input. It has an on-chip 100 k
Ω pullup resistor.
D1−
13
1
Analog Input
Analog input for monitoring the cathode of the first external
temperature sensing diode.
D1+
14
1
Analog Input
Analog input for monitoring the anode of the first external
temperature sensing diode.
+12Vin
15
1
Analog Input
Analog input for monitoring +12 V.
+5Vin
16
1
Analog Input
Analog input for monitoring +5 V.
Vccp2/D2−
17
1
Analog Input
Digitally programmable analog input for monitoring Vccp2 (0 to 3.6
V input range) or the cathode of the second external temperature
sensing diode.
+2.5Vin/D2+
18
1
Analog Input
Digitally programmable analog input for monitoring +2.5 V or the
anode of the second external temperature sensing diode.
Vccp1
19
1
Analog Input
Analog input (0 to 3.6 V input range) for monitoring Vccp1, the core
voltage of processore 1.
VID4/IRQ4-
VID0/IRQ0
20-24
5
Digital Inputs
Digitally programmable dual function digital inputs. Can be
programmed to monitor the VID pins of the Pentium/PRO and
Pentium II processors, that indicate the operating voltage of the
processor, or as interrupt inputs. The values are read in the
VID/Fan Divisor Register and the VID4 Register. These inputs have
on-chip 100 k
Ω pullup resistors.
TOTAL PINS
24
# Indicates Active Low (“Not”)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com