Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM87 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM87
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM87 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM87 Datasheet HTML 24Page - National Semiconductor (TI) LM87 Datasheet HTML 25Page - National Semiconductor (TI) LM87 Datasheet HTML 26Page - National Semiconductor (TI) LM87 Datasheet HTML 27Page - National Semiconductor (TI) LM87 Datasheet HTML 28Page - National Semiconductor (TI) LM87 Datasheet HTML 29Page - National Semiconductor (TI) LM87 Datasheet HTML 30Page - National Semiconductor (TI) LM87 Datasheet HTML 31Page - National Semiconductor (TI) LM87 Datasheet HTML 32Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Functional Description (Continued)
Bit
Name
Read/Write
Description
4-5
FAN1 RPM
Control
Read/Write
FAN1 Speed Control.
<5:4> = 00 - divide by 1;
<5:4> = 01 - divide by 2;
<5:4> = 10 - divide by 4;
<5:4> = 11 - divide by 8.
6-7
FAN2 RPM
Control
Read/Write
FAN2 Speed Control.
<7:6> = 00 - divide by 1;
<7:6> = 01 - divide by 2;
<7:6> = 10 - divide by 4;
<7:6> = 11 - divide by 8.
13.13 VID4 Register — Address 49h
Power on default – <7:1> = 100 000, <0> = VID4.
Bit
Name
Read/Write
Description
0
VID4
Read Only
Bit 4 of VID data from the CPU or power supply that indicates the operating voltage
(e.g. 1.5 V to 2.9 V).
1-7
Reserved
Read/Write
13.14 Configuration Register 2 — Address 4Ah
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read/Write
Description
0
Thermal INT#
Mask
Read/Write
When this bit is set to 1, thermal error events will not affect the INT# interrupt
output. THERM# outputs will still function normally.
1
Local Temp.
Register Write
Once Bit
Read/Write
Once
When set to 1, this bit locks in the value set in the Internal Temp. high limit register
at 0x13h. The value cannot be changed until a power on reset is performed, or the
chip is re-Initialized by writinga1toBit7of Configuration Register 1 (Register
40h).
2
Remote Temp.
Register Write
Once Bit
Read/Write
Once
When set to 1, this bit locks in the value set in the External Temp. high limit
register at 0x14h. The value cannot be changed until a power on reset is
performed, or the chip is re-Initialized by writinga1toBit7of Configuration
Register 1 (Register 40h).
3
THERM# Interrupt
Mode
Read/Write
When set to 0, the THERM# output functions in Default mode. When set to 1, the
THERM# output functions in ACPI mode.
4-5
Reserved
6
IRQ3 Enable
Read/Write
When set to 1, VID3/IRQ3 is enabled as an active high interrupt input (if the
IRQEN bit is set in bit 7 of the Channel Mode Register).
7
IRQ4 Enable
Read/Write
When set to 1, VID4/IRQ4 is enabled as an active high interrupt input (if the
IRQEN bit is set in bit 7 of the Channel Mode Register).
13.15 Interrupt Status Register 1 Mirror — Address 4Ch
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read Only
Description
0
+2.5Vin
Read Only
A one indicates a High or Low limit has been exceeded.
1
Vccp1
Read Only
A one indicates a High or Low limit has been exceeded.
2
Vcc
Read Only
A one indicates a High or Low limit has been exceeded.
3
+5Vin
Read Only
A one indicates a High or Low limit has been exceeded.
4
Int. Temp.
Read Only
A one indicates a High or Low limit has been exceeded.
5
Ext. Temp.
Read Only
A one indicates a High or Low limit has been exceeded.
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com