Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM87 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM87
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM87 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button LM87 Datasheet HTML 24Page - National Semiconductor (TI) LM87 Datasheet HTML 25Page - National Semiconductor (TI) LM87 Datasheet HTML 26Page - National Semiconductor (TI) LM87 Datasheet HTML 27Page - National Semiconductor (TI) LM87 Datasheet HTML 28Page - National Semiconductor (TI) LM87 Datasheet HTML 29Page - National Semiconductor (TI) LM87 Datasheet HTML 30Page - National Semiconductor (TI) LM87 Datasheet HTML 31Page - National Semiconductor (TI) LM87 Datasheet HTML 32Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Functional Description (Continued)
Address A6–A0
Description
2Ah
Reserved
2Bh
+2.5V High Limit/External Temperature 2 High Limit
2Ch
+2.5V Low Limit/External Temperature 2 Low Limit
2Dh
Vccp1 High Limit
2Eh
Vccp1 Low Limit
2Fh
+3.3V High Limit
30h
+3.3V Low Limit
31h
+5V High Limit
32h
+5V Low Limit
33h
+12V High Limit
34h
+12V Low Limit
35h
Vccp2 High Limit
36h
Vccp2 Low Limit
37h
External Temperature 1 High Limit
38h
External Temperature 1 Low Limit
39h
Internal Temperature High Limit
3Ah
Internal Temperature Low Limit
3Bh
FAN1Count Limit/AIN1 High Limit
Note: It is the number of counts of the internal clock for the Low Limit of the fan speed.
3Ch
FAN2 Fan Count Limit/AIN2 High Limit
Note: It is the number of counts of the internal clock for the Low Limit of the fan speed.
3Dh
Reserved
3Eh
Company Identification. The number in this register identifies National Semiconductor LM87 (0000
0010)
3Fh
Stepping Register LM87 revision number 06h(0000 0110)
Note: Setting all ones to the high limits for voltages and fans (0111 1111
binary for temperature) means interrupts will never be generated
except the case when voltages go below the low limits.
For voltage input high limits, the device is doing a greater than com-
parison. For low limits, however, it is doing a less than or equal to
comparison.
www.national.com
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com