Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM87 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM87
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM87 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM87 Datasheet HTML 1Page - National Semiconductor (TI) LM87 Datasheet HTML 2Page - National Semiconductor (TI) LM87 Datasheet HTML 3Page - National Semiconductor (TI) LM87 Datasheet HTML 4Page - National Semiconductor (TI) LM87 Datasheet HTML 5Page - National Semiconductor (TI) LM87 Datasheet HTML 6Page - National Semiconductor (TI) LM87 Datasheet HTML 7Page - National Semiconductor (TI) LM87 Datasheet HTML 8Page - National Semiconductor (TI) LM87 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Positive Supply Voltage (V
+)
+6.0 V
Voltage on Any Input or Output Pin:
+12Vin
−0.3 V to +18 V
ADD/NTESTOUT,
DACOut/NTEST_IN, AIN1, AIN2
−0.3 V to
(V
++ 0.3 V)
All other pins
−0.3 V to +6 V
Input Current at any Pin (Note 4)
±5mA
Package Input Current (Note 4)
±20 mA
Maximum Junction Temperature
(T
J max)
150 ˚C
ESD Susceptibility (Note 6)
Human Body Model
2500 V
Machine Model
150V
Soldering Information
MTC Package (Note 7) :
Vapor Phase (60 seconds)
215 ˚C
Infrared (15 seconds)
235 ˚C
Storage Temperature
−65 ˚C to +150 ˚C
Operating Ratings(Notes 1, 2)
Operating Temperature Range
T
MIN
≤ T
A
≤ T
MAX
LM87
−40 ˚C
≤ T
A
≤ +125 ˚C
Specified Temperature Range
T
MIN
≤ T
A
≤ T
MAX
LM87
−40 ˚C
≤ T
A
≤ +125 ˚C
Junction to Ambient Thermal Resistance (
θ
JA(Note 5))
NS Package Number: MTC24B
95 ˚C/W
Supply Voltage (V
+)
+2.8 V to +3.8 V
V
IN Voltage Range:
+12Vin
−0.05 V to +15 V
+5Vin
−0.05 V to +6.8 V
+3.3Vin
−0.05 V to +4.6 V
+2.5Vin
−0.05 V to +3.6 V
VID0 - VID4, Vccp
−0.05 V to +6.0 V
All other inputs
−0.05 V to (V
++ 0.05 V)
DC Electrical Characteristics
The following specifications apply for +2.8 V
DC
≤ V+ ≤ +3.8 V
DC, Analog voltage inputs RS = 510
Ω, unless otherwise speci-
fied. Boldface limits apply for T
A =T J =TMIN to TMAX; all other limits TA =TJ = 25 ˚C.(Note 8)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
POWER SUPPLY CHARACTERISTICS
I
+
Supply Current
Normal Mode, Interface
Inactive
0.7
2.0
mA (max)
Shutdown Mode
0.5
mA
TEMPERATURE-TO-DIGITAL CONVERTER CHARACTERISTICS
Temperature Error using Internal Diode
±3˚C
Temperature Error using Remote Pentium
Diode Sensor (Note 11) and (Note 12)
0˚C
≤ T
A
≤ +125 ˚C, Vcc
= 3.3 Vdc
±3
˚C (max)
Temperature Error using Remote 2N3904
Sensor (Note 11) and (Note 12)
−40 ˚C
≤ T
A
≤ +125 ˚C,
Vcc = 3.3 Vdc
±4
˚C (max)
Resolution
8 bits
1.0
˚C (min)
LM87 ANALOG-TO-DIGITAL CONVERTER CHARACTERISTICS
Resolution
8
bits
TUE
Total Unadjusted Error
(Note 13)
±2
% (max)
DNL
Differential Non-Linearity
±1
LSB (max)
t
C
Total Monitoring Cycle Time
(Note 14)
0.28
sec
ADC INPUT CHARACTERISTICS
Input Resistance (All analog inputs except
AIN1 and AIN2)
130
90
k
Ω (min)
AIN1 and AIN2 DC Input Current
12
µA
DAC CHARACTERISTICS
Resolution
8
Bits
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com