Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM87 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM87
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM87 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LM87 Datasheet HTML 24Page - National Semiconductor (TI) LM87 Datasheet HTML 25Page - National Semiconductor (TI) LM87 Datasheet HTML 26Page - National Semiconductor (TI) LM87 Datasheet HTML 27Page - National Semiconductor (TI) LM87 Datasheet HTML 28Page - National Semiconductor (TI) LM87 Datasheet HTML 29Page - National Semiconductor (TI) LM87 Datasheet HTML 30Page - National Semiconductor (TI) LM87 Datasheet HTML 31Page - National Semiconductor (TI) LM87 Datasheet HTML 32Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Functional Description (Continued)
Bit
Name
Read Only
Description
6
FAN1/AIN1
Read Only
A one indicates the fan count limit has been exceeded or an AIN1 High or Low limit has
been exceeded.
7
FAN2/AIN2
Read Only
A one indicates the fan count limit has been exceeded or an AIN2 High or Low limit has
been exceeded.
13.16 Interrupt Status Register 2 Mirror — Address 4Dh
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read Only
Description
0
+12Vin
Read Only
A one indicates a High or Low limit has been exceeded.
1
Vccp2
Read Only
A one indicates a High or Low limit has been exceeded.
2
Reserved
Read Only
3
Reserved
Read Only
4
CI
Read Only
A one indicates the CI (Chassis Intrusion) input has gone high.
5
THERM#
Read Only
A one indicates the THERM# input has been pulled low by external circuitry.
6
D1 Fault
Read Only
A one indicates the D1 inputs are shorted to Vcc or open circuit.
7
D2 Fault
Read Only
A one indicates the D2 inputs are shorted to Vcc or open circuit.
13.17 SMBALERT# Enable — Address 80h
Power on default – <7:0> = 0010 0000 binary
Bit
Name
Read/Write
Description
0
Reserved
Read Only
1
Reserved
Read Only
2
Reserved
Read Only
3
Reserved
Read Only
4
Reserved
Read Only
5
Reserved
Read Only
6
SMBALERT#
Enable
Read/Write
A one enables the SMBALERT# mode of operation.
7
Reserved
Read Only
13.18 Value RAM — Address 19h–3Fh
Address A6–A0
Description
19h
DAC data register; power on default <7:0> =1111 1111 binary
1Ah
AIN1 Low Limit
1Bh
AIN2 Low Limit
20h
+2.5V/External Temperature 2 reading
21h
Vccp1 reading
22h
+Vcc reading
23h
+5V reading
24h
+12V reading
25h
Vccp2 reading
26h
External Temperature 1 reading
27h
Internal Temperature reading
28h
FAN1/AIN1 reading
Note: For the FAN reading, this location stores the number of counts of the internal clock per
revolution.
29h
FAN2/AIN2 reading
Note: For the FAN reading, this location stores the number of counts of the internal clock per
revolution.
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com