Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM87 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM87
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM87 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM87 Datasheet HTML 1Page - National Semiconductor (TI) LM87 Datasheet HTML 2Page - National Semiconductor (TI) LM87 Datasheet HTML 3Page - National Semiconductor (TI) LM87 Datasheet HTML 4Page - National Semiconductor (TI) LM87 Datasheet HTML 5Page - National Semiconductor (TI) LM87 Datasheet HTML 6Page - National Semiconductor (TI) LM87 Datasheet HTML 7Page - National Semiconductor (TI) LM87 Datasheet HTML 8Page - National Semiconductor (TI) LM87 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LM87
Serial Interface System Hardware Monitor with Remote
Diode Temperature Sensing
General Description
The LM87 is a highly integrated data acquisition system for
hardware monitoring of servers, Personal Computers, or
virtually any microprocessor-based system. In a PC, the
LM87 can be used to monitor power supply voltages, moth-
erboard and processor temperatures, and fan speeds. Ac-
tual values for these inputs can be read at any time. Pro-
grammable WATCHDOG limits in the LM87 activate a fully
programmable and maskable interrupt system with two out-
puts (INT# and THERM#).
The LM87 has an on-chip digital output temperature sensor
with 8-bit resolution as well as the capability of monitoring 2
external diode temperatures to 8-bit resolution, an 8 channel
analog input ADC with 8-bit resolution and an 8-bit DAC. A
channel on the ADC measures the supply voltage applied to
the LM87, nominally 3.3 V. Two of the ADC inputs can be
redirected to a counter that can measure the speed of up to
2 fans. A slow speed
Σ∆ ADC architecture allows stable
measurement of signals in an extremely noisy environment.
The DAC, witha0to2.5V output voltage range, can be
used for fan speed control. Additional inputs are provided for
Chassis Intrusion detection circuits, and VID monitor inputs.
The VID monitor inputs can also be used as IRQ inputs if VID
monitoring is not required. The LM87 has a Serial Bus
interface that is compatible with SMBus™ and I
2C™.
Features
n
Remote diode temperature sensing (2 channels)
n
8 positive voltage inputs with scaling resistors for
monitoring +5 V, +12 V, +3.3 V, +2.5 V, Vccp power
supplies directly
n
2 inputs selectable for fan speed or voltage monitoring
n
8-bit DAC output for controlling fan speed
n
Chassis Intrusion Detector input
n
WATCHDOG comparison of all monitored values
n
SMBus or I
2C Serial Bus interface compatibility
n
VID0-VID4 or IRQ0-IRQ4 monitoring inputs
n
On chip temperature sensor
Key Specifications
j Voltage Monitoring Error
±2 % (max)
j External Temperature Error
±4 ˚C (max)
j Internal Temperature Error
−40 ˚C to +125 ˚C
± 3 ˚C (typ)
j Supply Voltage Range
2.8 to 3.8 V
j Supply Current
0.7 mA (typ)
j ADC and DAC Resolution
8 Bits
j Temperature Resolution
1.0 ˚C
Applications
n
System Thermal and Hardware Monitoring for Servers,
Workstations and PCs
n
Networking and Telecom Equipment
n
Office Electronics
n
Electronic Test Equipment and Instrumentation
Ordering Information
Temperature Range
NS Package
Number
−40 ˚C
≤ T
A
≤ +125 ˚C
Order Number
Device Marking
LM87CIMT
1
LM87CIMT
MTC24B
LM87CIMTX
2
LM87CIMT
MTC24B
Note: 1-Rail transport media, 61 parts per rail
2-Tape and reel transport media, 2500 parts per reel
Connection Diagram
10099503
SMBus™ is a trademark of the Intel Corporation.
December 2003
© 2003 National Semiconductor Corporation
DS100995
www.national.com


Similar Part No. - LM87

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM87 TI1-LM87 Datasheet
1Mb / 43P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
LM87 TI2-LM87 Datasheet
1Mb / 45P
LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
REVISED MARCH 2013
LM87CIMT TI1-LM87CIMT Datasheet
1Mb / 43P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
LM87CIMT TI2-LM87CIMT Datasheet
1Mb / 45P
LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
REVISED MARCH 2013
LM87CIMT.A TI2-LM87CIMT.A Datasheet
1Mb / 45P
LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
REVISED MARCH 2013
More results

Similar Description - LM87

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM80 NSC-LM80 Datasheet
435Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Analog Devices
ADM1024 AD-ADM1024 Datasheet
285Kb / 28P
System Hardware Monitor with Remote Diode Thermal Sensing
REV.0
logo
National Semiconductor ...
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM96080 NSC-LM96080 Datasheet
623Kb / 30P
System Hardware Monitor with 2-Wire Serial Interface
logo
ON Semiconductor
ADM1024 ONSEMI-ADM1024 Datasheet
315Kb / 29P
System Hardware Monitor with Remote Diode Thermal Sensing
April, 2012 ??Rev. 4
logo
Texas Instruments
AMC80 TI1-AMC80 Datasheet
281Kb / 23P
System Hardware Monitor with Two-Wire/SMBus Serial Interface
LM96080CIMT TI1-LM96080CIMT Datasheet
995Kb / 34P
LM96080 System Hardware Monitor with 2-Wire Serial Interface
logo
ON Semiconductor
NCT80 ONSEMI-NCT80 Datasheet
274Kb / 28P
Hardware Monitor with I2C Serial Interface
July, 2012 ??Rev. 0
logo
Texas Instruments
LM87 TI1-LM87 Datasheet
1Mb / 43P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
ON Semiconductor
ADM1024 ONSEMI-ADM1024_16 Datasheet
256Kb / 30P
System Hardware Monitor with Remote Diode Thermal Sensing
January, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com