Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM87 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM87
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM87 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM87 Datasheet HTML 1Page - National Semiconductor (TI) LM87 Datasheet HTML 2Page - National Semiconductor (TI) LM87 Datasheet HTML 3Page - National Semiconductor (TI) LM87 Datasheet HTML 4Page - National Semiconductor (TI) LM87 Datasheet HTML 5Page - National Semiconductor (TI) LM87 Datasheet HTML 6Page - National Semiconductor (TI) LM87 Datasheet HTML 7Page - National Semiconductor (TI) LM87 Datasheet HTML 8Page - National Semiconductor (TI) LM87 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Block Diagram
10099501
Pin Description
Pin
Name(s)
Pin
Number
Number
of Pins
Type
Description
ADD/NTEST_OUT
1
1
Digital I/0
This pin normally functions as a three-state input that controls the
two LSBs of the Serial Bus Address. When this pin is tied to V
CC
the two LSBs are 01. When tied to Ground, the two LSBs are 10. If
this pin is not connected, the two LSBs are 00. This pin also
functions as an output during NAND Tree tests (board-level
connectivity testing). To ensure proper NAND tree function, this pin
should not be tied directly to V
CC or Ground. Instead, a series 5 k
resistor should be used to allow the test output function to work.
Refer to SECTION 11 on NAND Tree testing.
THERM#
2
1
Digital I/O
This pin functions as an open-drain interrupt output for temperature
interrupts only, or as an interrupt input for fan control. It has an
on-chip 100 k
Ω pullup resistor.
SMBData
3
1
Digital I/O
Serial Bus bidirectional Data. Open-drain output.
SMBCLK
4
1
Digital Input
Serial Bus Clock.
FAN1/AIN1-
FAN2/AIN2
5-6
2
Analog/Digital
Inputs
Programmable as analog inputs (0 to 2.5V) or digital Schmitt
Trigger fan tachometer inputs.
CI
7
1
Digital I/O
An active high input from an external circuit which latches a
Chassis Intrusion event. This line can go high without any clamping
action regardless of the powered state of the LM87. There is also
an internal open-drain output on this line, controlled by Bit 7 of the
CI Clear Register (46h), to provide a minimum 20 ms pulse.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com