Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM87 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM87
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM87 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LM87 Datasheet HTML 23Page - National Semiconductor (TI) LM87 Datasheet HTML 24Page - National Semiconductor (TI) LM87 Datasheet HTML 25Page - National Semiconductor (TI) LM87 Datasheet HTML 26Page - National Semiconductor (TI) LM87 Datasheet HTML 27Page - National Semiconductor (TI) LM87 Datasheet HTML 28Page - National Semiconductor (TI) LM87 Datasheet HTML 29Page - National Semiconductor (TI) LM87 Datasheet HTML 30Page - National Semiconductor (TI) LM87 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Functional Description (Continued)
13.7 Interrupt Status Register 2 — Address 42h
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read/Write
Description
0
+12Vin
Read Only
A one indicates a High or Low limit has been exceeded.
1
Vccp2
Read Only
A one indicates a High or Low limit has been exceeded.
2
Reserved
Read Only
3
Reserved
Read Only
4
CI
Read Only
A one indicates the CI (Chassis Intrusion) input has gone high.
5
THERM#
Read Only
A one indicates the THERM# input has been pulled low by external circuitry.
6
D1 Fault
Read Only
A one indicates the D1 inputs are shorted to Vcc or open circuit.
7
D2 Fault
Read Only
A one indicates the D2 inputs are shorted to Vcc or open circuit.
13.8 Interrupt Mask Register 1 — Address 43h
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read/Write
Description
0
+2.5Vin/D2+
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
1
Vccp1
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
2
Vcc
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
3
+5Vin
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
4
Int. Temp.
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
5
Ext. Temp.
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
6
FAN1/AIN1
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
7
FAN2/AIN2
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
13.9 Interrupt Mask Register 2 — Address 44h
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read/Write
Description
0
+12Vin
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
1
Vccp2
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
2
Reserved
Read/Write
3
Reserved
Read/Write
4
Chassis Intrusion
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
5
THERM#
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
6
D1 Fault
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
7
D2 Fault
Read/Write
A one disables the corresponding interrupt status bit for INT# interrupt.
13.10 Reserved Register — Address 45h
Power on default – <7:0> = 00h. Read/Write for backwards
compatibility.
13.11 CI Clear Register — Address 46h
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read/Write
Description
0-6
Reserved
Read/Write
7
CI Clear
Read/Write
A one outputs a minimum 20 ms (minimum) active low pulse on the Chassis Intrusion
pin. The register bit self clears after the pulse has been output.
13.12 VID0-3/Fan Divisor Register — Address 47h
Power on default – <7:4> is 0101, and <3:0>is mapped to
VID <3:0>
Bit
Name
Read/Write
Description
0-3
VID <3:0>
Read Only
The VID <3:0> inputs from the Pentium/PRO power supplies that indicate the
operating voltage (e.g. 1.5 V to 2.9 V).
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com