Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM87 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM87
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM87 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM87 Datasheet HTML 7Page - National Semiconductor (TI) LM87 Datasheet HTML 8Page - National Semiconductor (TI) LM87 Datasheet HTML 9Page - National Semiconductor (TI) LM87 Datasheet HTML 10Page - National Semiconductor (TI) LM87 Datasheet HTML 11Page - National Semiconductor (TI) LM87 Datasheet HTML 12Page - National Semiconductor (TI) LM87 Datasheet HTML 13Page - National Semiconductor (TI) LM87 Datasheet HTML 14Page - National Semiconductor (TI) LM87 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Functional Description (Continued)
2.1 Internal Registers of the LM87
TABLE 1. The internal registers and their corresponding internal LM87 addresses are as follows:
Register
LM87 Internal Hex
Address
Power on
Value
Notes
Internal Temp. Hardware
High Limit
13h
0100 0110
70 ˚C Default - User adjustable. Lockable by setting bit
1 of register 4Ah.
External Temp. Hardware
High Limit
14h
0101 0101
85 ˚C Default - User adjustable. Lockable by setting bit
2 of register 4Ah.
Test Register
15h
0000 0000
Channel Mode Register
16h
0000 0000
Internal Temp. Hardware
High Limit
17h
0100 0110
70 ˚C Default - User adjustable.
External Temp. Hardware
High Limit
18h
0101 0101
85 ˚C Default - User adjustable.
Value RAM DAC Data
Register
19h
1111 1111
Defaults to full scale DAC setting.
Value RAM
1Ah-3Fh
(See Section 13.18) Contains: monitoring results
(temperature, voltages, fan counts), WATCHDOG
limits, and Company/Stepping IDs
Company ID
3Eh
0000 0010
This designates the National Semiconductor LM87.
Revision
3Fh
0000 0110
Revisions of this device will start with 1 and increment
by one.
Configuration Register 1
40h
0000 1000
Interrupt Status Register 1
41h
0000 0000
Interrupt Status Register 2
42h
0000 0000
Interrupt Mask Register 1
43h
0000 0000
Interrupt Mask Register 2
44h
0000 0000
CI Clear Register
46h
0000 0000
VID0-3/Fan Divisor Register
47h
0101 XXXX
The upper four bits set the divisor for Fan Counters 1
and 2. The lower four bits reflect the state of the
VID0-VID3 inputs.
VID4 Register
49h
1000 000X
The lower bit reflects the state of VID4 input.
Configuration Register 2
4Ah
0000 0000
Interrupt Status Register 1
Mirror
4Ch
0000 0000
Interrupt Status Register 2
Mirror
4Dh
0000 0000
SMBALERT# Enable
80h
0010 0000
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com