Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM87 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM87
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM87 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM87 Datasheet HTML 12Page - National Semiconductor (TI) LM87 Datasheet HTML 13Page - National Semiconductor (TI) LM87 Datasheet HTML 14Page - National Semiconductor (TI) LM87 Datasheet HTML 15Page - National Semiconductor (TI) LM87 Datasheet HTML 16Page - National Semiconductor (TI) LM87 Datasheet HTML 17Page - National Semiconductor (TI) LM87 Datasheet HTML 18Page - National Semiconductor (TI) LM87 Datasheet HTML 19Page - National Semiconductor (TI) LM87 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Functional Description (Continued)
Counts are based on 2 pulses per revolution tachometer
outputs.
RPM
Time per Revolution
Counts for “Divide by 2”
Comments
(Default) in Decimal
4400
13.64 ms
153 counts
Typical RPM
3080
19.48 ms
219 counts
70% RPM
2640
22.73 ms
255 counts
60% RPM
(maximum counts)
Mode Select
Nominal RPM
Time per Revolution
Counts for the
70% RPM
Time per Revolution
Given Speed in Decimal
for 70% RPM
Divide by 1
8800
6.82 ms
153
6160
9.74 ms
Divide by 2
4400
13.64 ms
153
3080
19.48 ms
Divide by 4
2200
27.27 ms
153
1540
38.96 ms
Divide by 8
1100
54.54 ms
153
770
77.92 ms
7.0 DAC OUTPUT
The LM87 provides an 8-bit DAC (Digital-to-Analog Con-
verter) with an output range of 0 to 2.5 volts (9.80 mV LSB).
This DAC can be used in any way, but in most applications of
the LM87 the DAC will be used for fan control. Typically the
DAC output would be amplified to provide the up to 12 volt
drive required by the fan. At power-on the DAC provides full
output, insuring that full fan speed is the default condition.
Care should be taken such that the analog circuitry tied to
this pin does not drive this pin above 2.5 V. Doing so will
place the LM87 in NAND tree test mode which will make all
pins inputs. After the first SMBus communication with the
LM87, it will leave NAND tree test mode and all inputs/
outputs will function normally.
Fans do not start reliably at reduced voltages, so operation
at a reduced voltage should be preceded by a brief (typically
10099512
(a) Fan with Tach Pull-Up to +5V
10099513
(b) Fan with Tach Pull-Up to +12V, or Totem-Pole Output
and Resistor Attenuator
10099514
(c) Fan with Tach Pull-Up to +12V and Diode Clamp
10099515
(d) Fan with Strong Tach Pull-Up or Totem Pole Output
and Diode Clamp
FIGURE 7. Alternatives for Fan Inputs
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com