Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM87 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM87
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM87 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM87 Datasheet HTML 18Page - National Semiconductor (TI) LM87 Datasheet HTML 19Page - National Semiconductor (TI) LM87 Datasheet HTML 20Page - National Semiconductor (TI) LM87 Datasheet HTML 21Page - National Semiconductor (TI) LM87 Datasheet HTML 22Page - National Semiconductor (TI) LM87 Datasheet HTML 23Page - National Semiconductor (TI) LM87 Datasheet HTML 24Page - National Semiconductor (TI) LM87 Datasheet HTML 25Page - National Semiconductor (TI) LM87 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Functional Description (Continued)
input Interrupt Status Bit and will cause AOUT to go to full
scale, regardless of the state of the THERM# Input Interrupt
Mask bit. If the Mask bit is cleared and INT# is enabled, an
INT# will be generated. The THERM# input function is not
affected by the THERM# operating mode.
9.4 Fault Queue
A Fault Queue is incorporated in the external temperature
monitoring sections of the LM87. This serves as a filter to
minimize false triggering caused by short duration or tran-
sient temperature events. The Fault Queue adds a counter
between the comparison logic and the Interrupt Status Reg-
ister and THERM# output circuitry. The Fault Queue has a
depth of 3, so three consecutive readings outside of limits is
required to set an external temperature Interrupt Status Bit
or generate a THERM# output. When the monitored tem-
perature is returning within limits, only one conversion within
limits is required to clear the status bit. In other words, the
fault queue is only active when travelling outside of the limits,
not when returning back within limits.
10.0 RESET# I/O
RESET# is intended to provide a master reset to devices
connected to this line. Setting Bit 4 in Configuration Register
1 high outputs a 20 ms (minimum) low pulse on this line, at
the end of which Bit 4 in the Configuration Register automati-
cally clears. Again, the label for this pin is only its suggested
use. In applications where the RESET# capability is not
needed it can be used for any type of digital control that
requires a 20 ms (mimimum) active low, open-drain output.
RESET# operates as an input when not activated by Con-
figuration Register 1. Setting this line low will reset all of the
registers in the LM87 to their power on default state. All
Value RAM locations will not be affected except for the DAC
Data Register.
11.0 NAND TREE TESTS
A NAND tree is provided in the LM87 for Automated Test
Equipment (ATE) board level connectivity testing. DACOut/
NTEST_IN, INT#, THERM#,V
+ and GND pins are excluded
from NAND tree testing. Taking DACOut/NTEST_IN high
during power up activates the NAND Tree test mode. After
the first SMBus access to the LM87 the NAND Tree test
mode is terminated and cannot be reactivated without re-
peating the power up sequence. To perform a NAND tree
test, all pins included in the NAND tree should be driven to 1
forcing the ADD/NTEST_OUT high. Each individual pin start-
ing with SMBData and concluding with RESET# (excluding
DACOut/NTEST_IN, INT#, THERM#,V
+ and GND) can be
taken low with the resulting toggle observed on the ADD/
NTEST_OUT pin. Allow for a typical propagation delay of
500 ns.
10099532
FIGURE 11. LM87 Interrupt Structure
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com