Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9830 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button LM9830 Datasheet HTML 33Page - National Semiconductor (TI) LM9830 Datasheet HTML 34Page - National Semiconductor (TI) LM9830 Datasheet HTML 35Page - National Semiconductor (TI) LM9830 Datasheet HTML 36Page - National Semiconductor (TI) LM9830 Datasheet HTML 37Page - National Semiconductor (TI) LM9830 Datasheet HTML 38Page - National Semiconductor (TI) LM9830 Datasheet HTML 39Page - National Semiconductor (TI) LM9830 Datasheet HTML 40Page - National Semiconductor (TI) LM9830 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
37
http://www.national.com
from the LM9830 in a continuous stream. First, write to register 3
to set what the data is (gamma or offset/gain) and what color
(red, green, or blue) the data is for. Then write to registers 4 and 5
to set the initial address (usually 0), and the R/W mode (R in this
case). To read data from the DataPort, the DataPort address (6)
needs to be inserted before every read to prefetch the data from
the external SRAM. The timing is shown in Figure 59. Note that
this applies
only to offset and gain coefficient reads; the gamma
table may be read with or without the additional address writes.
The DataPort Address stored in registers 4 and 5 will be automat-
ically incremented after every read (if reading gamma data) or
every second read (if reading offset/gain coefficient words).
8.0 Scanning
8.1 Start Scanning - Initiating an Image Scan
An image scan is started by setting the Scanning bit in the Con-
figuration Register. The LM9830 will move the paper forward the
number of steps specified in the Stepper Motor Configuration reg-
ister and begin scanning. Scanning ends when the host writes a
new command to the command register (Idle, Paper Feed to Start
or Paper Feed to End) or when Paper Sensor #1 or Paper Sensor
#2 changes state (if programmed to do so).
The line buffer is reset when the Scanning bit is SET, not when it
is cleared. The host can continue to read stored data out of the
line buffer after a scan has stopped.
The LM9830 pixel data is read from configuration register
address 00. To read pixel data, the host should latch address 00
into the LM9830’s address pointer. Subsequent reads from the
host will read the next byte of pixel data stored in the line buffer.
Here are examples of two consecutive image data reads in the
three possible interface modes:
Image data can flow as fast as possible from the LM9830 to the
host, but can be interrupted at any time (by latching a different
address) to read the LM9830’s status registers, abort the scan,
etc.
If for some reason you want to pause the scan for some length of
time and resume later, do NOT reset the Scanning bits (return to
Idle). Simply stop reading pixel data. When the buffer fills up, the
LM9830 will automatically stop scanning and turn off power to the
stepper motor (when the delay goes beyond the time specified in
the Hold Current Timeout register).
The last byte of every line is the status byte (register 02). If the
line just transmitted was the beginning of a stepper motor pause
or reverse cycle, the Pause bit is set. For scanners unable to
reverse, this feature potentially allows the software to correct
images distorted by motor starting/stopping.
8.2 Reconstructing the Image Data Received By the PC
When reconstructing an image from the stream of data received
from the LM9830, it is useful to know the format of the data. The
LM9830 does not perform deinterleaving on the pixel data, it
comes out exactly as the sensor sends it. Deinterleaving and
other processing must be performed on the host PC.
For a single output CCD/CIS that outputs one line of data with
colors alternating at the line rate, the output format is:
R1, R2, R3, R4,..., Rn-2, Rn-1, Rn (line m)
G1, G2, G3, G4,..., Gn-2, Gn-1, Gn (line m + 1)
B1, B2, B3, B4,..., Bn-2, Bn-1, Bn (line m + 2)
For a triple output CCD/CIS that outputs 3 lines of data (each x
pixels apart in the vertical direction) with colors alternating at the
Datan
CS (INIT)
6
D0 - D7
Figure 59: Reading Gain and Offset Coefficients
through the DataPort (µP mode)
WR
(STROBE)
ALE
(SELECTIN)
RD
(AUTOFEED)
Datan+1
6
6
Pixel n+1
STROBE
AUTOFEED
BUSY
Pixel n
D0 - D7
Figure 60: Reading Pixel Data (EPP)
SELECT IN
STROBE
AUTOFEED
BUSY
D0 - D7
Figure 61: Reading Pixel Data (Nibble Mode)
SELECT IN
ERROR (D0, D4)
SELECT (D1, D5)
PE (D2, D6)
ACK (D3, D7)
D7-D4
D3-D0
D7-D4
D3-D0
NIBBLE
CS (INIT)
RD (AUTO-
FEED)
Pixel n
D0 - D7
Figure 62: Reading Pixel Data (µP)
Pixel n+1
WR
(STROBE)
ALE
(SELECTIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com