Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9830 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM9830 Datasheet HTML 18Page - National Semiconductor (TI) LM9830 Datasheet HTML 19Page - National Semiconductor (TI) LM9830 Datasheet HTML 20Page - National Semiconductor (TI) LM9830 Datasheet HTML 21Page - National Semiconductor (TI) LM9830 Datasheet HTML 22Page - National Semiconductor (TI) LM9830 Datasheet HTML 23Page - National Semiconductor (TI) LM9830 Datasheet HTML 24Page - National Semiconductor (TI) LM9830 Datasheet HTML 25Page - National Semiconductor (TI) LM9830 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
22
http://www.national.com
TEST MODE SETTINGS
5B
Reserved
0 0000000Write 00 to this register
5C
ADC Output Code - MSB
nnnnUsed to force the input to the Offset Subtractor
to a known value for digital tests
5D
ADC Output Code - LSB
n nnnnnnn
5E
Reserved
0 0000000
Write 00 to this register for normal operation, modify
bits 5 and 7 as shown below for test modes
Offset Subtractor Input Select
0
The ADC is input to Offset Subtractor
1
Registers 5C and 5D are input to Offset Subtractor
CDS Signal
0
Normal Operation
1
CDS signal is output on TEST pin
5F-6F
Reserved
0 0000000Write 00 to these registers
70
Parallel Port Noise Filter
0 1110000Write 70 to this register
71-7F
Reserved
0 0000000Write 00 to these registers
Address
Function
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com