Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9830 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM9830 Datasheet HTML 12Page - National Semiconductor (TI) LM9830 Datasheet HTML 13Page - National Semiconductor (TI) LM9830 Datasheet HTML 14Page - National Semiconductor (TI) LM9830 Datasheet HTML 15Page - National Semiconductor (TI) LM9830 Datasheet HTML 16Page - National Semiconductor (TI) LM9830 Datasheet HTML 17Page - National Semiconductor (TI) LM9830 Datasheet HTML 18Page - National Semiconductor (TI) LM9830 Datasheet HTML 19Page - National Semiconductor (TI) LM9830 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
16
http://www.national.com
19
CIS TR1 Timing Mode
0 0 Off - use standard CCD Timing
01
CIS TR1 Timing Mode 1:
TR1 pulse = exactly one Ø clock,
starting at rising edge of Ø1
10
CIS TR1 Timing Mode 2:
TR1 pulse = exactly one Ø clock,
TR1 centered around Ø1 high.
11N/A
Fake Optical Black Pixels
(for Dyna-type CIS sensors)
0
Off: Normal operation
1
On: RS pulse held high during entire Optical Black
period
RESERVED
1A
Reserved
000 00000Write 00 to this register
1B
Reserved
000 00000Write 00 to this register
SENSOR PIXEL CONFIGURATION
1C
Optical Black Pixels Start
nnn nnnnnn pixels (0 - 255)
1D
Optical Black Pixels End
nnn nnnnnn pixels (0 - 255)
1E
Active Pixels Start - MSB
n nnnnn
n pixels (10 - 16383)
This is where image data starts coming out of the
sensor, and determines the pixel where offset and
shading correction begins (pixel 0 in the DataPort)
1F
Active Pixels Start - LSB
nnn nnnnn
20
Line End - MSB
n nnnnn
n pixels (0 - 16383)
This selects the pixel count at which the current line is
ended and the next line begins. This determines the
integration time of one line.
21
Line End - LSB
nnn nnnnn
PIXEL DATA RANGE TO PROCESS
22
Data Pixels Start - MSB
n nnnnnn pixels (Active Pixels Start - 16383)
This selects the start of the range of pixels transmitted
to the PC. This value must be >= Active Pixels Start
23
Data Pixels Start - LSB
nnn nnnnn
24
Data Pixels End - MSB
n nnnnnn pixels (Data Pixels Start - [Line End - 20])
This selects the end of the range of pixels transmitted
to the PC. This value must be <= [Line End - 20]
25
Data Pixels End - LSB
nnn nnnnn
Address
Function
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com