Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9830 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM9830 Datasheet HTML 9Page - National Semiconductor (TI) LM9830 Datasheet HTML 10Page - National Semiconductor (TI) LM9830 Datasheet HTML 11Page - National Semiconductor (TI) LM9830 Datasheet HTML 12Page - National Semiconductor (TI) LM9830 Datasheet HTML 13Page - National Semiconductor (TI) LM9830 Datasheet HTML 14Page - National Semiconductor (TI) LM9830 Datasheet HTML 15Page - National Semiconductor (TI) LM9830 Datasheet HTML 16Page - National Semiconductor (TI) LM9830 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
13
http://www.national.com
LM9830 Register Listing
(Registers in bold boxes are reset to that value on power-up. All register addresses are in hexadecimal. All other numbers
are decimal unless otherwise noted.)
Address
Function
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Value
IMAGE BUFFER (READ ONLY)
00
Pixel (Image) Data
nnn nnnnnOne byte of image data.
STATUS REGISTERS (READ ONLY)
01
Image Data Available In Buffer
nnn nnnnn
n kbytes of image data available
(always read this register twice to make sure its value
was not changing while it was being read)
02
Paper Sensor #1 State
If this input is edge sensitive, reading this
Status Register will clear it.
0False
1True
Paper Sensor #2 State
If this input is edge sensitive, reading this
Status Register will clear it.
0False
1True
Misc I/O #1 State
If this input is edge sensitive, reading this
Status Register will clear it.
0False
1True
Misc I/O #2 State
If this input is edge sensitive, reading this
Status Register will clear it.
0False
1True
Pause
This bit indicates whether or not the scanner
is currently paused due to a buffer full
condition.
0Normal State
1
The scanner entered the pause/reverse cycle during
the processing of this line.
Powerdrop
This bit is used to detect if the power supply
has dipped below 3V since the last time this
register was read. Reading this register
clears this bit.
0
False: Power has not dipped below 3V since the last
time this register was read
1
True: Power has dipped below 3V since the last time
the register was read
DATAPORT REGISTERS
03
DataPort Target
0 Gamma Lookup Table
1 Offset/Gain Coefficient Data (external SRAM)
DataPort Target Color (Note: If using 1
Channel Mode A, the color for the gamma
table is selected by register 26, bits 3 and 4,
not this register)
00
Red
01
Green
10
Blue
11
N/A
04
DataPort Address - MSB
R
/
W
aaaaa
Address of location to be read/written to.
a = 0 to 1023 for gamma tables,
0 to 2729 for Offset/Gain Coefficient Data (300dpi),
0 to 5459 for Offset/Gain Coefficient Data (600dpi).
Addresses greater than these are illegal.
Bit D5 of register 4 indicates whether next operation
will be a Read (D5=1) or a Write (D5=0)
05
DataPort Address - LSB
aaa aaaaa
06
DataPort
nnn nnnnn
Data to be read from or written to the address of the
currently selected Dataport Target. The DataPort
Address is automatically incremented whenever one
(Gamma) or two (Offset/Gain Coefficient Data) bytes
are read from or written to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com