Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9830 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9830 Datasheet HTML 1Page - National Semiconductor (TI) LM9830 Datasheet HTML 2Page - National Semiconductor (TI) LM9830 Datasheet HTML 3Page - National Semiconductor (TI) LM9830 Datasheet HTML 4Page - National Semiconductor (TI) LM9830 Datasheet HTML 5Page - National Semiconductor (TI) LM9830 Datasheet HTML 6Page - National Semiconductor (TI) LM9830 Datasheet HTML 7Page - National Semiconductor (TI) LM9830 Datasheet HTML 8Page - National Semiconductor (TI) LM9830 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
1
http://www.national.com
General Description
The LM9830 is a complete document scanner system on a sin-
gle IC. The LM9830 provides all the functions (CCD control, illu-
mination control, analog front end, pixel processing function
image data buffer/SRAM controller, microstepping motor control-
ler, and EPP parallel port interface) necessary to create a high
performance color scanner. The LM9830 scans images in 36 bit
color, and has output data formats for 36 bits, 30 bits, and 24
bits.
The only additional active components required are an external
SRAM for data buffering and power transistors for the stepper
motor. Parallel port pass-through requires two additional
TTL/CMOS logic ICs.
Applications
• Color Flatbed Document Scanners
• Color Sheetfed Document Scanners
Features
• Scans at up to 6Mpixels/s (2M RGB pixels/sec).
• Digital Pixel Processing provides 300, 200, 150, 100, 75, and
50 dpi horizontal resolution from 300dpi sensor, and 600, 400,
300, 200, 150, 100, 75, and 50 dpi horizontal resolution from
a 600dpi sensor.
• Provides 50-600dpi vertical resolution in 1 dpi increments.
• Pixel rate error correction for gain (shading) and offset errors.
• Output formats include 12 bit linear, 10 bit linear with shading
and offset, or 8 bit gamma corrected, all with 12 bit accuracy.
• Multiple CCD clocking rates allows matching of CCD clock to
scan resolution and pixel depth for maximum scan speed.
• Stepper motor control tightly coupled with buffer management
to maximize data transfer efficiency.
• PWM stepper motor current control allows microstepping for
the price of fullstepping.
• Supports 64k, 128k, or 256k x8 external SRAMs.
• Parallel Port interface supports EPP, PS2 (bidirectional), or
SPP (nibble) modes of operation.
• Pixel depths of 1, 2, or 4 bits are packed into bytes for faster
scans of line art and low pixel depth images.
• Supports 1 and 3 channel CIS and CCD devices.
• 3 (R, G, and B) user-programmable gamma correction tables.
• Able to transmit an arbitrary range of pixels to speed up
scanning of smaller items (business cards, etc.) by zooming
in on a subset of CCD pixels.
• Compatible with a wide range of color linear CCDs and
Contact Image Sensors (CIS)
• Internal bandgap voltage reference.
• 100 pin TQFP package
Key Specifications
• Analog to Digital Converter Resolution
12 Bits
• Maximum Pixel Conversion Rate
6MHz
• A4 Color 150dpi scan (typical, EPP Interface)
<10 seconds
• A4 Color 300dpi scan (typical, EPP Interface)
<40 seconds
• A4 Color 600dpi scan (typical, EPP Interface) <160 seconds
• Supply Voltage
+5V±10%
• Power Dissipation (typical)
350mW
LM9830 36-Bit Color Document Scanner
Scanner Block Diagram
Buffer
To
Computer
To
Printer
CCD/CIS
Illumination
+24V
Stepper
Motor
1-3
1-3
2-6
9
2
8
Power
Transistors
SRAM
28
LM9830VJD
Ordering Information
Commercial (0°C
≤ T
A ≤ +70°C)
Package
LM9830VJD
VJD100A 100 Pin Thin Quad Flatpac
LM9830VJDX
VJD100A 100 Pin Thin Quad Flatpac, Tape & Reel
November 1998
N
©1998 National Semiconductor Corporation
TRI-STATE® is a registered trademark of National Semiconductor Corporation.


Similar Part No. - LM9830

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9831 NSC-LM9831 Datasheet
320Kb / 41P
LM9831 42-Bit Color, 1200dpi USB Image Scanner
LM9831CCVJD NSC-LM9831CCVJD Datasheet
320Kb / 41P
LM9831 42-Bit Color, 1200dpi USB Image Scanner
LM9831CCVJDX NSC-LM9831CCVJDX Datasheet
320Kb / 41P
LM9831 42-Bit Color, 1200dpi USB Image Scanner
LM9832 NSC-LM9832 Datasheet
337Kb / 42P
LM9832 42-Bit Color, 1200dpi USB Image Scanner
LM9832CCVJD NSC-LM9832CCVJD Datasheet
337Kb / 42P
LM9832 42-Bit Color, 1200dpi USB Image Scanner
More results

Similar Description - LM9830

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9822 NSC-LM9822 Datasheet
242Kb / 22P
LM9822 3 Channel 42-Bit Color Scanner Analog Front End
LM9831 NSC-LM9831 Datasheet
320Kb / 41P
LM9831 42-Bit Color, 1200dpi USB Image Scanner
LM9832 NSC-LM9832 Datasheet
337Kb / 42P
LM9832 42-Bit Color, 1200dpi USB Image Scanner
LM9833 NSC-LM9833 Datasheet
547Kb / 42P
LM9833 48-Bit Color, 1200dpi USB Image Scanner
logo
Sanyo Semicon Device
LC82104 SANYO-LC82104 Datasheet
57Kb / 6P
Color Image Processing IC for Fax and Scanner Applications
logo
National Semiconductor ...
LM9823 NSC-LM9823 Datasheet
239Kb / 22P
LM9823 3 Channel 48-Bit Color Scanner Analog Front End
logo
Fairchild Semiconductor
TMC2272A FAIRCHILD-TMC2272A Datasheet
177Kb / 20P
Digital Colorspace Converter 36 Bit Color, 50 MHz
logo
Rohm
IA1208-FE10A ROHM-IA1208-FE10A Datasheet
77Kb / 6P
Color image sensor heads for High-speed Scanner
logo
Texas Instruments
LM9822 TI1-LM9822_14 Datasheet
285Kb / 25P
3 Channel 42-Bit Color Scanner Analog Front End
LM9833 TI1-LM9833 Datasheet
690Kb / 44P
48-Bit Color, 1200dpi USB Image Scanner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com