Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9830 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM9830 Datasheet HTML 7Page - National Semiconductor (TI) LM9830 Datasheet HTML 8Page - National Semiconductor (TI) LM9830 Datasheet HTML 9Page - National Semiconductor (TI) LM9830 Datasheet HTML 10Page - National Semiconductor (TI) LM9830 Datasheet HTML 11Page - National Semiconductor (TI) LM9830 Datasheet HTML 12Page - National Semiconductor (TI) LM9830 Datasheet HTML 13Page - National Semiconductor (TI) LM9830 Datasheet HTML 14Page - National Semiconductor (TI) LM9830 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
11
http://www.national.com
Pin Descriptions
CCD Driver Signals
ø1
Digital Output. CCD/CIS clock signal, phase
1.
ø2
Digital Output. CCD clock signal, phase 2.
RS
Digital Output. Reset pulse for the CCD.
CP1
Digital Output. Clamp pulse for the CCD.
CP2
Digital Output. Clamp pulse for the CCD.
TR1, TR2
Digital
Outputs.
Transfer
pulses
for
the
CCD(CIS).
Analog I/O
OSR, OSG,
OSB
Analog Inputs. These inputs (for Red, Green,
and Blue) should be tied to the sensor’s out-
put signal through DC blocking capacitors.
VREF LO FORCE,
VREF LO SENSE
Analog Output/Input. Connect VREF LO OUT to
VREF LO IN and bypass to AGND with a 0.05µF
monolithic capacitor.
VREF MID FORCE,
VREF MID SENSE
Analog Output/Input. Connect VREF MID OUT
to VREF MID IN and bypass to AGND with a
0.05µF monolithic capacitor.
VREF HI FORCE,
VREF HI SENSE
Analog Output/Input. Connect VREF HI OUT to
VREF HI IN and bypass to AGND with a 0.05µF
monolithic capacitor.
VBANDGAP
Analog Output. Bypass to AGND with a
0.05µF monolithic capacitor.
General Digital I/O
CRYSTAL IN
Digital Input. This is the 50MHz (typical) mas-
ter system clock.
CRYSTAL OUT Digital Output. Used with CRYSTAL IN and an
external crystal to form a crystal oscillator.
CLK_SEL
Digital Input. Should be tied to DGND for
operation with an external crystal. To use an
external TTL or CMOS clock source, tie
CLK_SEL to VD I/O and drive the clock into the
CRYSTAL OUT pin.
PC I/O
D0 (LSB) -D7
(MSB)
Digital Inputs/Outputs. This is the 8 bit data
path between the LM9830 and the host com-
puter.
STROBE
Digital Input. WR signal in µP Mode.
AUTOFEED
Digital Input. RD signal in µP Mode.
SELECTIN
Digital Input. ALE signal in µP Mode.
INIT
Digital Input. CS signal in µP Mode.
ACK
Digital Output.
BUSY
Digital Output.
PE
Digital Output.
SELECT
Digital Output.
ERROR
Digital Output.
Printer Passthrough
TRISTATE
Digital
Output.
Low
when
in
printer
passthrough mode, high when the LM9830 is
active. Low when no power is applied to the
LM9830.
LATCH
Digital
Output.
High
when
in
printer
passthrough mode, low when the LM9830 is
active. Tri-state when no power is applied to
the LM9830.
Stepper Motor I/O
A, B, A, B
Digital Outputs. Pulses to stepper motor.
SENSEA,
SENSEB
Analog Inputs. Current sensing for PWM
winding current control.
SENSEGND
Analog Input. Ground sense input for PWM
winding current control.
Scanner Support I/O
PSense #1,
PSense #2
Digital Inputs. Programmable, used for sens-
ing paper, front panel switches, etc.
Misc I/O #1,
Misc I/O #2
Digital Inputs/Outputs. Programmable, used
for front panel switches, status LEDs, etc.
LAMPR,
LAMPG, LAMPB
Digital Outputs. Used to control R, G, and B
LEDs of single output CIS, as well as bright-
ness of CCFL.
External RAM I/O
DB0 (LSB) -
DB7 (MSB)
Digital Inputs/Outputs. This is the 8 bit data
path between the external RAM and the
LM9830.
A0-A17
Digital Outputs. Address pins for up to 256k
bytes external RAM.
RD
Digital Output. Read signal to external RAM.
WR
Digital Output. Write signal to external RAM.
Communication Mode
CMODE
Digital Input. Tie to DGND to operate in paral-
lel port mode, or to VD I/O to operate in micro-
processor compatible mode.
Test
TEST
Analog Output. This pin can be used to view
the Sample Signal, Sample Reference, and
Clamp Signals.
Analog Power Supplies
VA
This is the positive supply pin for the analog
supply. It should be connected to a voltage
source of +5V and bypassed to AGND with a
0.1µF monolithic capacitor in parallel with a
10µF tantalum capacitor.
AGND
This is the ground return for the analog sup-
ply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com