Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9830 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM9830 Datasheet HTML 19Page - National Semiconductor (TI) LM9830 Datasheet HTML 20Page - National Semiconductor (TI) LM9830 Datasheet HTML 21Page - National Semiconductor (TI) LM9830 Datasheet HTML 22Page - National Semiconductor (TI) LM9830 Datasheet HTML 23Page - National Semiconductor (TI) LM9830 Datasheet HTML 24Page - National Semiconductor (TI) LM9830 Datasheet HTML 25Page - National Semiconductor (TI) LM9830 Datasheet HTML 26Page - National Semiconductor (TI) LM9830 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
23
http://www.national.com
Applications Information
1.0 THEORY OF OPERATION
1.1 Overview
A scanner is composed of many different but tightly intercon-
nected blocks (the analog front end and ADC, sensor clock gen-
eration, stepper motor control, data buffering, parallel port I/O,
and others).
1.2 Signal Processing Overview
1.3 Scanner Support Functions Overview
2.0 Signal Processing Operation
2.1 ADC
The ADC is a 6MHz 12 bit pipelined architecture.
2.2 Pixel Rate Offset Correction Block
Two bytes are used to store the pixel rate offset and gain coeffi-
cients for each pixel. For CCDs, the split is usually 6 bits for offset
and 10 bits for gain. For some CIS sensors with unusually large
offsets, the offset correction range may be increased by changing
the split to 8 bits for offset and 8 bits for gain. This split is deter-
mined by a bit in the configuration register.
A digital subtractor subtracts the 6 (or 8) bit offset word (corre-
sponding to that pixel’s offset error) from each pixel. The LSB of
the offset word is the same size as the 10 bit LSB of the ADC (the
two smallest 12 bit ADC output bits, D1 and D0, are not used with
the offset subtractor). The coefficients are stored in the external
RAM and accessed at the pixel rate.
The subtractor saturates at 0, i.e. if the coefficient to be sub-
tracted is greater than the ADC output code, the result is an out-
put of 0.
2.3 Pixel Rate Gain Correction Block
This is a digital multiplier that multiplies the output word from the
subtractor by a 10 (or 8) bit digital correction coefficient corre-
sponding to that pixel’s gain error. The coefficients are stored in
the external RAM and accessed at the pixel rate. When in 8 bit
mode, the 8 bits correspond to the top 8 MSBs of the 10 bit digital
correction coefficient word. The 10 bit LSBs of the input word are
padded with 0s in 8 bit mode.
The multiplier saturates at 1023, i.e. if the result of the multiplica-
tion is greater than 1023, the multiplier output is 1023.
2.4 Pixel Processing Block
2.4.1 Pixel Processing In 8/24 Bit Mode
In the 8 and 10 bit output modes (for 24 and 30 bit color scans),
this stage is where the optical resolution of the sensor is digitally
reduced.
To maximize scanning speed and image quality at the popular
resolutions of 400, 300, 200, 150, 100, 75, and 50 dpi, the resolu-
tion can be reduced inside the scanner, prior to the gamma cor-
rection stage. (Resolution in the vertical direction is controlled by
the stepper motor speed.) This is done by averaging adjacent pix-
els. For example, to get 100 dpi from a 300dpi optical sensor, you
would average 3 300dpi pixels:
The number of pixels out of the Pixel Processing block is equal to
the integer portion of the number of pixels in to the Pixel Process-
ing block divided by the “Divide By” setting, from the table shown
in Figure 11.
If there are not enough pixels at the end of a line to form a com-
plete pixel, the last pixel will be eliminated. For example, if a line
is 35 pixels wide and the Horizontal DPI setting is set to divide by
6, then the output of the Pixel Processing block will be 5 pixels
(the integer portion of 35/6). The last 5 pixels will be discarded,
since 6 pixels would be required to form a new pixel in this mode.
Figure 10: Analog Front End (AFE) Model
VDAC
DAC
Offset
GPGA
Σ
+
+
12 Bit
ADC
+
+
+
+
VOS3
VOS2
Σ
Σ
DOUT
GB
+
+
VOS1
VIN
Σ
Boost
1V/V or
3V/V
PGA
0.93V/V to
3V/V
DOUT = (((VIN + VOS1)GB + VDAC + VOS2)GPGA + VOS1)C
simplified, with all offsets = 0, this is:
DOUT = (VINGB + VDAC)GPGAC
C is a constant that combines the gain error through the AFE, reference voltage variance, and analog voltage
to digital code conversion into one constant. Ideally, C = 2048 codes/V (4096codes/2V). Manufacturing toler-
ances widen the range of C. See Electrical Specifications
pixel
100dpi
p
n-2
p
n-1
p
n
++
3
--------------------------------------------
=
Pixels
OUT
INT
Pixels
IN
Divide By
-------------------------


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com