Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9830 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM9830 Datasheet HTML 13Page - National Semiconductor (TI) LM9830 Datasheet HTML 14Page - National Semiconductor (TI) LM9830 Datasheet HTML 15Page - National Semiconductor (TI) LM9830 Datasheet HTML 16Page - National Semiconductor (TI) LM9830 Datasheet HTML 17Page - National Semiconductor (TI) LM9830 Datasheet HTML 18Page - National Semiconductor (TI) LM9830 Datasheet HTML 19Page - National Semiconductor (TI) LM9830 Datasheet HTML 20Page - National Semiconductor (TI) LM9830 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
17
http://www.national.com
COLOR MODE SETTINGS
26
AFE Operation
3 Channel or 1 Channel
0003 Channel Pixel Rate Color
0013 Channel Line Rate Color
1001 Channel Mode A (1 Channel Grayscale)
1011 Channel Mode B (1 Channel Line Rate Color)
1 Channel Mode A Channel Color
(1 Channel Mode B always uses the
Blue Channel)
00
Red
01
Green
10
Blue
11
N/A
TRRED (=TR1) position
(3 Channel Line Rate Mode only)
0
1st TR pulse position (inside Ø1 high)
1
2nd TR pulse position (inside Ø1 low)
TRGREEN (=TR2) position
(3 Channel Line Rate Mode only)
0
1st TR pulse position (inside Ø1 high)
1
2nd TR pulse position (inside Ø1 low)
TRBLUE (=CP2) position
(3 Channel Line Rate Mode only)
0
1st TR pulse position (inside Ø1 high)
1
2nd TR pulse position (inside Ø1 low)
27
Integration Time Adjust
(TRRED drop rate)
(3 Channel Line Rate Mode only)
0 0 Do not drop any TRRED pulses
01Drop 1 TRRED pulse (double integration time)
10Drop 2 TRRED pulses (triple integration time)
11N/A
Integration Time Adjust
(TRGREEN drop rate)
(3 Channel Line Rate Mode only)
0 0
Do not drop any TRGREEN pulses
0 1
Drop 1 TRGREEN pulse (double integration time)
1 0
Drop 2 TRGREEN pulses (triple integration time)
11
N/A
Integration Time Adjust
(TRBLUE drop rate)
(3 Channel Line Rate Mode only)
0 0
Do not drop any TRBLUE pulses
0 1
Drop 1 TRBLUE pulse (double integration time)
1 0
Drop 2 TRBLUE pulses (triple integration time)
11
N/A
RESERVED
28
Reserved
000 00000Write 00 to this register
Address
Function
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com