Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9830 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM9830 Datasheet HTML 1Page - National Semiconductor (TI) LM9830 Datasheet HTML 2Page - National Semiconductor (TI) LM9830 Datasheet HTML 3Page - National Semiconductor (TI) LM9830 Datasheet HTML 4Page - National Semiconductor (TI) LM9830 Datasheet HTML 5Page - National Semiconductor (TI) LM9830 Datasheet HTML 6Page - National Semiconductor (TI) LM9830 Datasheet HTML 7Page - National Semiconductor (TI) LM9830 Datasheet HTML 8Page - National Semiconductor (TI) LM9830 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
4
http://www.national.com
CRYSTAL IN, CRYSTAL OUT Characteristics
XTALOUT DC
CRYSTAL OUT Bias Level (Offset)
0.8
V
XTALOUT AC
CRYSTAL OUT Amplitude
fCRYSTAL = 50MHz
0.8
VP-P
Power Supply Characteristics
IA
Analog Supply Current
(VA pins)
Operating
Standby
64
0.75
83
0.95
mA (max)
mA (max)
ID I/O
Digital I/O Supply Current
(VD I/O, VD, and VSRAM pins)
Operating
Standby
40
5
48
6.5
mA (max)
mA (max)
AC Electrical Characteristics
The following specifications apply for AGND=DGND=DGNDI/O=DGNDSRAM=0V, VA=VD=VDI/O=VSRAM=+5.0VDC,
fCRYSTAL IN= 50MHz, MCLK DIVIDER = 1.0 (unless otherwise noted), fMCLK = fCRYSTAL IN/MCLK DIVIDER, fADC CLK = fMCLK/8,
CL (databus loading) = 20pF/pin. Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7 & 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
Parallel Port Address Write (Figure 1)
tSETUP1
D0-D7 (Address) valid to SELECT IN
falling
-60
-10
ns (min)
tSETUP2
STROBE falling edge to SELECT IN
falling
-15
-10
ns (min)
tSI-B1
SELECT IN falling to BUSY rising
25
40
ns (max)
tB-SI
BUSY rising to SELECT IN rising
0
20
ns (min)
tHOLD1
SELECT IN rising to STROBE rising
-45
-15
ns (min)
tSI-B2
SELECT IN rising to BUSY falling
33
50
ns (max)
tHOLD2
D0-D7 (Address) hold time after
BUSY falling
-10
0
ns (min)
Parallel Port Data Write (Figure 2)
tSETUP1
D0-D7 valid or STROBE falling to
SELECT IN falling
-60
-10
ns (min)
tSETUP2
STROBE falling to AUTOFEED falling
-25
-10
ns (min)
tAF-B1
AUTOFEED falling to BUSY rising
34
50
ns (max)
tB-AF1
BUSY rising to AUTOFEED rising
0
20
ns (min)
tHOLD1
AUTOFEED rising to STROBE rising
-40
-10
ns (min)
tAF-B2
AUTOFEED rising to BUSY falling
All Except Dataport
Dataport
16
1.5 tADC CLK
35
3 tADC CLK
ns (max)
ns (max)
tHOLD2
D0-D7 valid after BUSY falling
-10
0
ns (min)
DC and Logic Electrical Characteristics
The following specifications apply for AGND=DGND=DGNDI/O=DGNDSRAM=0V, VA=VD=VDI/O=VSRAM=+5.0VDC,
fCRYSTAL IN= 50MHz. Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7 & 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com