Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9830 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM9830 Datasheet HTML 5Page - National Semiconductor (TI) LM9830 Datasheet HTML 6Page - National Semiconductor (TI) LM9830 Datasheet HTML 7Page - National Semiconductor (TI) LM9830 Datasheet HTML 8Page - National Semiconductor (TI) LM9830 Datasheet HTML 9Page - National Semiconductor (TI) LM9830 Datasheet HTML 10Page - National Semiconductor (TI) LM9830 Datasheet HTML 11Page - National Semiconductor (TI) LM9830 Datasheet HTML 12Page - National Semiconductor (TI) LM9830 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
9
http://www.national.com
Figure 5: µP Mode Address Latch
CS (INIT)
RD (AUTOFEED)
Address
D0 - D7
WR (STROBE)
ALE (SELECTIN)
tALE SETUP
tALE
tALE HOLD
Data
Figure 6: µP Mode Write
CS (INIT)
RD (AUTOFEED)
D0 - D7
WR (STROBE)
ALE (SELECTIN)
tWR SETUP
tWR HOLD
tWR
NOTE: CS and WR are ORed together.
tWR SETUP and tWR HOLD refer to the first rising edge
of CS or WR, whichever goes high first.
Data
Figure 7: µP Mode Read
CS (INIT)
RD (AUTOFEED)
D0 - D7
WR (STROBE)
ALE (SELECTIN)
tRD ACCESS
tRD TRI-STATE
NOTE: CS and RD are ORed together.
tRD ACCESS begins when both CS and WR go low.
tRD TRI-STATE begins when either CS or WR go high
Figure 8: SRAM Write
WR
Address
Data
tWR DATA HOLD
A0-A17
DB0-DB7
tWR ADDR HOLD
tWR DATA SETUP
tWR
tWR R ADDR SETUP
tWR F ADDR SETUP
Figure 9: SRAM Read
RD
Address
Data
A0-A17
DB0-DB7
Address
Data
Note: RD will stay low during consecutive read operations.
0.5MCLK
0.5MCLK
tRD SETUP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com