Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9830 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM9830 Datasheet HTML 1Page - National Semiconductor (TI) LM9830 Datasheet HTML 2Page - National Semiconductor (TI) LM9830 Datasheet HTML 3Page - National Semiconductor (TI) LM9830 Datasheet HTML 4Page - National Semiconductor (TI) LM9830 Datasheet HTML 5Page - National Semiconductor (TI) LM9830 Datasheet HTML 6Page - National Semiconductor (TI) LM9830 Datasheet HTML 7Page - National Semiconductor (TI) LM9830 Datasheet HTML 8Page - National Semiconductor (TI) LM9830 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
5
http://www.national.com
Parallel Port 8 Bit Data Read (Figure 3)
tAF-B3
AUTOFEED falling to BUSY rising
All Except Dataport
Dataport
25
1.5 tADC CLK
45
3 tADC CLK
ns (max)
ns (max)
tEPP ACCESS
D0-D7 valid before BUSY rising
(Note 14)
7
-5
ns (min)
tB-AF2
BUSY rising to AUTOFEED rising
1
10
ns (min)
tEPP HOLD
AUTOFEED rising to D0-D7 Tri-State
20
10
27
ns (min)
ns (max)
tAF-B4
AUTOFEED rising to BUSY falling
3 tMCLK
4 tMCLK
ns (max)
Nibble Data Read (Figure 4)
tAF-B3
AUTOFEED falling to BUSY rising
All Except Dataport
Dataport
25
1.5 tADC CLK
45
3 tADC CLK
ns (max)
ns (max)
tNIB ACCESS1
D4-D7 valid before BUSY rising
2
-20
ns (min)
tB-AF2
BUSY rising to AUTOFEED rising
1
10
ns (min)
tNIB ACCESS2
D0-D3 valid after AUTOFEED rising
5
15
ns (max)
tAF-B4
AUTOFEED rising edge to BUSY
falling
3 tMCLK
4 tMCLK
ns (max)
Microprocessor Mode (Figures 5, 6, and 7)
tALE SETUP
D0-D7 (Address) valid before ALE
falling
0
6
ns (min)
tALE HOLD
D0-D7 (Address) valid after ALE
falling
2
8
ns (min)
tALE
ALE high time
2
8
ns (min)
tALE-R/W
ALE falling to CS/RD/WR falling (next
operation)
16
ns (min)
tWR SETUP
D0-D7 valid before WR rising
0
6
ns (min)
tWR HOLD
D0-D7 valid after WR rising
2
10
ns (min)
tWR
WR pulse width
3
10
ns (min)
tRD ACCESS
RD low to D0-D7 valid
22
31
ns (max)
tRD TRI-STATE RD high to D0-D7 Tri-State
20
28
ns (max)
AC Electrical Characteristics
The following specifications apply for AGND=DGND=DGNDI/O=DGNDSRAM=0V, VA=VD=VDI/O=VSRAM=+5.0VDC,
fCRYSTAL IN= 50MHz, MCLK DIVIDER = 1.0 (unless otherwise noted), fMCLK = fCRYSTAL IN/MCLK DIVIDER, fADC CLK = fMCLK/8,
CL (databus loading) = 20pF/pin. Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7 & 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com