Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9830 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM9830 Datasheet HTML 1Page - National Semiconductor (TI) LM9830 Datasheet HTML 2Page - National Semiconductor (TI) LM9830 Datasheet HTML 3Page - National Semiconductor (TI) LM9830 Datasheet HTML 4Page - National Semiconductor (TI) LM9830 Datasheet HTML 5Page - National Semiconductor (TI) LM9830 Datasheet HTML 6Page - National Semiconductor (TI) LM9830 Datasheet HTML 7Page - National Semiconductor (TI) LM9830 Datasheet HTML 8Page - National Semiconductor (TI) LM9830 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
2
http://www.national.com
Electrical Characteristics
The following specifications apply for AGND=DGND=DGNDI/O=DGNDSRAM=0V, VA=VD=VDI/O=VSRAM=+5.0VDC,
fCRYSTAL IN= 50MHz. Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7, 8, & 12)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
CCD/CIS Source Requirements for Full Specified Accuracy and Dynamic Range (Note 12)
VOS PEAK
Sensor’s Maximum Output Signal
Amplitude before LM9830 Analog Front
End Saturation
Gain = 0.933
Gain = 3.0
Gain = 9.0
2.1
0.65
0.21
V
V
V
Full Channel Characteristics
Resolution with No Missing Codes
12
bits (min)
INL
Integral Non-Linearity Error (Note 11)
-1.1
+4.6
-7
+10
LSB (min)
LSB (max)
DNL
Differential Non-Linearity
-0.5
+0.7
-0.9
+2.0
LSB (min)
LSB (max)
C
Analog Channel Gain Constant
(ADC Codes/V)
Includes voltage reference
variation, gain setting = 1
2048
1863
2129
LSB (min)
LSB (max)
VOS1
Pre-Boost Analog Channel Offset Error,
CCD Mode
4
-21
+34
mV (min)
mV (max)
VOS1
Pre-Boost Analog Channel Offset Error,
CIS Mode
12
-15
+38
mV (min)
mV (max)
VOS2
Pre-PGA Analog Channel Offset Error
-30
-58
+8
mV (min)
mV (max)
VOS3
Post-PGA Analog Channel Offset Error
-21
-59
+14
mV (min)
mV (max)
Coarse Color Balance PGA Characteristics (Configuration Registers 3B, 3C, and 3D)
Monotonicity
5
bits (min)
G0 (Minimum PGA Gain)
PGA Setting = 0
0.93
.90
.96
V/V (min)
V/V (max)
G31 (Maximum PGA Gain)
PGA Setting = 31
3.05
2.98
3.15
V/V (min)
V/V (max)
x3 Boost Gain
x3 Boost Setting On
(bit B5 of Gain Register is set)
2.99
2.86
3.08
V/V (min)
V/V (max)
Gain Error at any gain (Note 13)
±0.2
±1.6
% (max)
Positive Supply Voltage (V+=VA=VD=VDI/O=VSRAM)
With Respect to
GND=AGND=DGND=DGNDI/O=DGNDSRAM
6.5V
Voltage On Any Input or Output Pin
-0.3V to V++0.3V
Input Current at any pin (Note 3)
±25mA
Package Input Current (Note 3)
±50mA
Package Dissipation at TA = 25°C
(Note 4)
ESD Susceptibility (Note 5)
Human Body Model
1000V
Soldering Information
Infrared, 10 seconds (Note 6)
235°C
Storage Temperature
-65°C to +150°
Operating Temperature Range
TMIN≤TA≤TMAX
LM9830VJD
0°C
≤T
A≤+70°C
VA Supply Voltage
+4.5V to +5.5V
VD Supply Voltage
+4.5V to +5.5V
VDI/O Supply Voltage
+4.5V to +5.5V
|VA-VD|, |VA-VDI/O|, |VA-VSRAM|, |VD-VDI/O|,
|VD-VSRAM|, |VDI/O-VSRAM|,
≤ 100mV
Input Voltage Range
-0.05V to V+ + 0.05V
Absolute Maximum Ratings (Notes 1 & 2)
Operating Ratings (Notes 1 & 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com