Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7621 Datasheet(PDF) 39 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 35Page - Texas Instruments PCI7621 Datasheet HTML 36Page - Texas Instruments PCI7621 Datasheet HTML 37Page - Texas Instruments PCI7621 Datasheet HTML 38Page - Texas Instruments PCI7621 Datasheet HTML 39Page - Texas Instruments PCI7621 Datasheet HTML 40Page - Texas Instruments PCI7621 Datasheet HTML 41Page - Texas Instruments PCI7621 Datasheet HTML 42Page - Texas Instruments PCI7621 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 298 page
background image
2−13
2.1
Detailed Terminal Descriptions
Please see Table 2−4 through Table 2−19 for more detailed terminal descriptions. The following list defines the
column headings and the abbreviations used in the detailed terminal description tables.
•
I/O Type:
−
I = Digital input
−
O = Digital output
−
I/O = Digital input/output
−
AI = Analog input
−
PWR = Power
−
GND = Ground
•
Input/Output Description:
−
AF = Analog feedthrough
−
TTLI1 = 5-V tolerant TTL input buffer
−
TTLI2 = 5-V tolerant TTL input buffer with hysteresis
−
TTLO1 = 5-V tolerant low-noise 4-mA TTL output buffer
−
PCII1 = 5-V tolerant PCI input buffer
−
PCII2 = 5-V tolerant PCI input buffer
−
PCII3 = 5-V tolerant PCI input buffer
−
PCII4 = 5-V tolerant PCI input buffer
−
PCII5 = 5-V tolerant PCI input buffer
−
PCIO2 = 5-V tolerant PCI output buffer
−
PCIO4 = 5-V tolerant PCI output buffer
−
PCIO5 = 5-V tolerant PCI output buffer
−
LVCI1 = LVCMOS input buffer
−
LVCO1 = Low-noise 4-mA LVCMOS open drain output buffer
−
LVCO2 = Low-noise 4-mA LVCMOS open drain output buffer
−
LVCO3 = Low-noise 8-mA LVCMOS open drain output buffer
•
PU/PD signifies whether the terminal has an internal pullup or pulldown resistor. These pullups are disabled
and enabled by design when appropriate to preserve power.
−
PD1 = 20-
µA failsafe pulldown
−
PD2 = 100-
µA failsafe pulldown
−
PU1 = 200-
µA pullup
−
PU2 = 100-
µA pullup
−
PU3 = 100-
µA pullup
−
PU4 = 100-
µA pullup
−
SW = Switchable 50-
µA pullup/200-µA pulldown implemented depending on situation
•
Power Rail signifies which rail the terminal is clamped to for protection.
•
External Components signifies any external components needed for normal operation.
•
Pin Strapping (If Unused) signifies how the terminal must be implemented if its function is not needed.
The terminals are grouped in tables by functionality, such as PCI system function, power-supply function, etc. The
terminal numbers are also listed for convenient reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com