Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7621 Datasheet(PDF) 82 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 82 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 78Page - Texas Instruments PCI7621 Datasheet HTML 79Page - Texas Instruments PCI7621 Datasheet HTML 80Page - Texas Instruments PCI7621 Datasheet HTML 81Page - Texas Instruments PCI7621 Datasheet HTML 82Page - Texas Instruments PCI7621 Datasheet HTML 83Page - Texas Instruments PCI7621 Datasheet HTML 84Page - Texas Instruments PCI7621 Datasheet HTML 85Page - Texas Instruments PCI7621 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 298 page
background image
3−26
For more information on PCI power management, see the PCI Bus Power Management Interface Specification for
PCI to CardBus Bridges.
3.8.9.2 OHCI 1394 (Function 2) Power Management
The PCI7x21/PCI7x11 controller complies with the PCI Bus Power Management Interface Specification. The
controller supports the D0 (unitialized), D0 (active), D1, D2, and D3 power states as defined by the power
management definition in the 1394 Open Host Controller Interface Specification, Appendix A4.
Table 3−16. Function 2 Power-Management Registers
REGISTER NAME
OFFSET
Power-management capabilities
Next item pointer
Capability ID
44h
Data
Power-management control/status register bridge support extensions
Power-management control/status (CSR)
48h
3.8.9.3 Flash Media (Function 3) Power Management
The PCI Bus Power Management Interface Specification is applicable for the flash media dedicated sockets. This
function supports the D0 and D3 power states.
Table 3−17. Function 3 Power-Management Registers
REGISTER NAME
OFFSET
Power-management capabilities
Next item pointer
Capability ID
44h
Data
Power-management control/status register bridge support extensions
Power-management control/status (CSR)
48h
3.8.9.4 SD Host (Function 4) Power Management
The PCI Bus Power Management Interface Specification is applicable for the SD host dedicated sockets. This
function supports the D0 and D3 power states.
Table 3−18. Function 4 Power-Management Registers
REGISTER NAME
OFFSET
Power-management capabilities
Next item pointer
Capability ID
80h
Data
Power-management control/status register bridge support extensions
Power-management control/status (CSR)
84h
3.8.9.5 Smart Card (Function 5) Power Management
The PCI Bus Power Management Interface Specification is applicable for the Smart Card dedicated sockets. This
function supports the D0 and D3 power states.
Table 3−19. Function 5 Power-Management Registers
REGISTER NAME
OFFSET
Power-management capabilities
Next item pointer
Capability ID
44h
Data
Power-management control/status register bridge support extensions
Power-management control/status (CSR)
48h
3.8.10 CardBus Bridge Power Management
The PCI Bus Power Management Interface Specification for PCI to CardBus Bridges was approved by PCMCIA in
December of 1997. This specification follows the device and bus state definitions provided in the PCI Bus Power
Management Interface Specification published by the PCI Special Interest Group (SIG). The main issue addressed
in the PCI Bus Power Management Interface Specification for PCI to CardBus Bridges is wake-up from D3hot or D3cold
without losing wake-up context (also called PME context).
The specific issues addressed by the PCI Bus Power Management Interface Specification for PCI to CardBus Bridges
for D3 wake-up are as follows:
•
Preservation of device context. The specification states that a reset must occur during the transition from
D3 to D0. Some method to preserve wake-up context must be implemented so that the reset does not clear
the PME context registers.
•
Power source in D3cold if wake-up support is required from this state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com