Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7621 Datasheet(PDF) 70 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 70 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 66Page - Texas Instruments PCI7621 Datasheet HTML 67Page - Texas Instruments PCI7621 Datasheet HTML 68Page - Texas Instruments PCI7621 Datasheet HTML 69Page - Texas Instruments PCI7621 Datasheet HTML 70Page - Texas Instruments PCI7621 Datasheet HTML 71Page - Texas Instruments PCI7621 Datasheet HTML 72Page - Texas Instruments PCI7621 Datasheet HTML 73Page - Texas Instruments PCI7621 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 298 page
background image
3−14
Table 3−9. EEPROM Loading Map
SERIAL ROM
OFFSET
BYTE DESCRIPTION
00h
CardBus function indicator (00h)
01h
Number of bytes (20h)
PCI 04h, command register, function 0, bits 8, 6−5, 2−0
02h
[7]
Command
register, bit 8
[6]
Command
register, bit 6
[5]
Command
register, bit 5
[4:3]
RSVD
[2]
Command
register, bit 2
[1]
Command
register, bit 1
[0]
Command
register, bit 0
PCI 04h, command register, function 1, bits 8, 6−5, 2−0
03h
[7]
Command
register, bit 8
[6]
Command
register, bit 6
[5]
Command
register, bit 5
[4:3]
RSVD
[2]
Command
register, bit 2
[1]
Command
register, bit 1
[0]
Command
register, bit 0
04h
PCI 40h, subsystem vendor ID, byte 0
05h
PCI 41h, subsystem vendor ID, byte 1
06h
PCI 42h, subsystem ID, byte 0
07h
PCI 43h, subsystem ID, byte 1
08h
PCI 44h, PC Card 16-bit I/F legacy mode base address register, byte 0, bits 7−1
09h
PCI 45h, PC Card 16-bit I/F legacy mode base address register, byte 1
0Ah
PCI 46h, PC Card 16-bit I/F legacy mode base address register, byte 2
0Bh
PCI 47h, PC Card 16-bit I/F legacy mode base address register, byte 3
0Ch
PCI 80h, system control, function 0, byte 0, bits 6−0
0Dh
PCI 80h, system control, function 1, byte 0, bit 2
0Eh
PCI 81h, system control, byte 1, bits 7,6
0Fh
Reserved nonloadable (PCI 82h, system control, byte 2)
10h
PCI 83h, system control, byte 3, bits 7−2, 0
11h
PCI 8Ch, MFUNC routing, byte 0
12h
PCI 8Dh, MFUNC routing, byte 1
13h
PCI 8Eh, MFUNC routing, byte 2
14h
PCI 8Fh, MFUNC routing, byte 3
15h
PCI 90h, retry status, bits 7, 6
16h
PCI 91h, card control, bit 7
17h
PCI 92h, device control, bits 6, 5, 3−0 (bit 0 must be programmed to 0)
18h
PCI 93h, diagnostic, bits 4−0
19h
PCI A2h, power-management capabilities, function 0, bit 15 (bit 7 of EEPROM offset 16h corresponds to bit 15)
1Ah
PCI A2h, power-management capabilities, function 1, bit 15 (bit 7 of EEPROM offset 16h corresponds to bit 15)
1Bh
CB Socket + 0Ch, function 0 socket force event, bit 27 (bit 3 of EEPROM offset 17h corresponds to bit 27)
1Ch
CB Socket + 0Ch, function 1 socket force event, bit 27 (bit 3 of EEPROM offset 18h corresponds to bit 27)
1Dh
ExCA 00h, ExCA identification and revision, bits 7−0
1Eh
PCI 86h, general control, byte 0, bits 7−0
1Fh
PCI 87h, general control, byte 1, bits 7, 6 (can only be set to 1 if bits 1:0 = 01), 4−0
20h
PCI 89h, GPE enable, bits 7, 6, 4−0
21h
PCI 8Bh, general-purpose output, bits 4−0
22h
1394 OHCI function indicator (02h)
23h
Number of bytes (17h)
24h
PCI 3Fh, maximum latency bits 7−4
PCI 3Eh, minimum grant, bits 3−0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com