Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7621 Datasheet(PDF) 96 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 96 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 92Page - Texas Instruments PCI7621 Datasheet HTML 93Page - Texas Instruments PCI7621 Datasheet HTML 94Page - Texas Instruments PCI7621 Datasheet HTML 95Page - Texas Instruments PCI7621 Datasheet HTML 96Page - Texas Instruments PCI7621 Datasheet HTML 97Page - Texas Instruments PCI7621 Datasheet HTML 98Page - Texas Instruments PCI7621 Datasheet HTML 99Page - Texas Instruments PCI7621 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 298 page
background image
4−6
Table 4−4. Status Register Description (continued)
BIT
SIGNAL
TYPE
FUNCTION
4
CAPLIST
R
Capabilities list. This bit returns 1 when read. This bit indicates that capabilities in addition to standard PCI
capabilities are implemented. The linked list of PCI power-management capabilities is implemented in this
function.
3
INT_STATUS
RU
Interrupt status. This bit reflects the interrupt status of the function. Only when bit 10 (INT_DISABLE) in the
command register (PCI offset 04h, see Section 4.4) is a 0 and this bit is a 1, is the function’s INTx signal
asserted. Setting the INT_DISABLE bit to a 1 has no effect on the state of this bit.
2−0
RSVD
R
Reserved. These bits return 0s when read.
4.6
Revision ID Register
The revision ID register indicates the silicon revision of the PCI7x21/PCI7x11 controller.
Bit
7
6
5
4
3
2
1
0
Name
Revision ID
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Register:
Revision ID
Offset:
08h (functions 0, 1)
Type:
Read-only
Default:
00h
4.7
Class Code Register
The class code register recognizes PCI7x21/PCI7x11 functions 0 and 1 as a bridge device (06h) and a CardBus
bridge device (07h), with a 00h programming interface.
Bit
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
PCI class code
Base class
Subclass
Programming interface
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
1
1
0
0
0
0
0
0
1
1
1
0
0
0
0
0
0
0
0
Register:
PCI class code
Offset:
09h (functions 0, 1)
Type:
Read-only
Default:
06 0700h
4.8
Cache Line Size Register
The cache line size register is programmed by host software to indicate the system cache line size.
Bit
7
6
5
4
3
2
1
0
Name
Cache line size
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
Cache line size
Offset:
0Ch (Functions 0, 1)
Type:
Read/Write
Default:
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com