Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7621 Datasheet(PDF) 40 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 40 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 36Page - Texas Instruments PCI7621 Datasheet HTML 37Page - Texas Instruments PCI7621 Datasheet HTML 38Page - Texas Instruments PCI7621 Datasheet HTML 39Page - Texas Instruments PCI7621 Datasheet HTML 40Page - Texas Instruments PCI7621 Datasheet HTML 41Page - Texas Instruments PCI7621 Datasheet HTML 42Page - Texas Instruments PCI7621 Datasheet HTML 43Page - Texas Instruments PCI7621 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 298 page
background image
2−14
Table 2−4. Power Supply Terminals
Output description, internal pullup/pulldown resistors, and the power rail designation are not applicable for the power
supply terminals.
TERMINAL
DESCRIPTION
I/O
INPUT
EXTERNAL
PIN STRAPPING
NAME
NUMBER
DESCRIPTION
I/O
TYPE
INPUT
EXTERNAL
COMPONENTS
PIN STRAPPING
(IF UNUSED)
AGND
N12, U14,
U16
Analog circuit ground terminals
GND
NA
AVDD
R13, R14,
V17
Analog circuit power terminals. A parallel combination of high
frequency decoupling capacitors near each terminal is suggested,
such as 0.1
µF and 0.001 µF. Lower frequency 10-µF filtering
capacitors are also recommended. These supply terminals are
separated from VDPLL_33 internal to the controller to provide
noise isolation. They must be tied to a low-impedance point on the
circuit board.
GND
0.1-
µF, 0.001-µF,
and 10-
µF
capacitors tied to
AGND
NA
GND
G07, G08,
G13, H13,
J09, J10,
J11, K09,
K10, K11,
L08, L09,
L10, L11,
L12, M08
Digital ground terminal
GND
NA
VCC
H08, H09,
H10, H11,
H12, J08,
J12, K08,
K12, M07,
M09, M10,
M12, N07
Power supply terminal for I/O and internal voltage regulator
PWR
NA
VCCA
A05, A11
Clamp voltage for PC Card A interface. Matches card A signaling
environment, 5 V or 3.3 V
PWR
Float
VCCB
D19, K19
Clamp voltage for PC Card B interface. Matches card B signaling
environment, 5 V or 3.3 V
PWR
Float
VCCP
W03, W10
Clamp voltage for PCI and miscellaneous I/O, 5 V or 3.3 V
PWR
NA
VDPLL_15
T18
1.5-V PLL circuit power terminal. An external capacitor (0.1
µF
recommended) must be placed between terminals T18 and T17
(VSSPLL) when the internal voltage regulator is enabled
(VR_EN = 0 V). When the internal voltage regulator is disabled,
1.5-V must be supplied to this terminal and a parallel combination
of high frequency decoupling capacitors near the terminal is
suggested, such as 0.1
µF and 0.001 µF. Lower frequency 10-µF
filtering capacitors are also recommended.
0.1-
µF, 0.001-µF,
and 10-
µF
capacitors tied to
VSPLL
NA
VDPLL_33
V19
3.3-V PLL circuit power terminal. A parallel combination of high
frequency decoupling capacitors near the terminal is suggested,
such as 0.1
µF and 0.001 µF. Lower frequency 10-µF filtering
capacitors are also recommended. This supply terminal is
separated from AVDD internal to the controller to provide noise
isolation. It must be tied to a low-impedance point on the circuit
board. When the internal voltage regulator is disabled
(VR_EN = 3.3 V), no voltage is required to be supplied to this
terminal.
PWR
0.1-
µF, 0.001-µF,
and 10-
µF
capacitors tied to
VSPLL
NA
VR_EN
H02
Internal voltage regulator enable. Active low
FT
FT
Pulled directly to
GND
NA
VR_PORT
H01, M19
1.5-V output from the internal voltage regulator
PWR
0.1-
µF capacitor
tied to GND
NA
VSSPLL
P14, T17
PLL circuit ground terminal. This terminal must be tied to the
low-impedance circuit board ground plane.
GND
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com