Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7621 Datasheet(PDF) 92 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 92 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 88Page - Texas Instruments PCI7621 Datasheet HTML 89Page - Texas Instruments PCI7621 Datasheet HTML 90Page - Texas Instruments PCI7621 Datasheet HTML 91Page - Texas Instruments PCI7621 Datasheet HTML 92Page - Texas Instruments PCI7621 Datasheet HTML 93Page - Texas Instruments PCI7621 Datasheet HTML 94Page - Texas Instruments PCI7621 Datasheet HTML 95Page - Texas Instruments PCI7621 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 298 page
background image
4−2
Table 4−2. Functions 0 and 1 PCI Configuration Register Map (Continued)
REGISTER NAME
OFFSET
CardBus I/O base register 0
2Ch
CardBus I/O limit register 0
30h
CardBus I/O base register 1
34h
CardBus I/O limit register 1
38h
Bridge control †
Interrupt pin
Interrupt line
3Ch
Subsystem ID ‡
Subsystem vendor ID ‡
40h
PC Card 16-bit I/F legacy-mode base-address ‡
44h
Reserved
48h−7Ch
System control †‡§
80h
General control ‡§
Reserved
MC_CD debounce ‡
84h
General-purpose output ‡
General-purpose input
General-purpose event
enable ‡
General-purpose event
status ‡
88h
Multifunction routing status ‡
8Ch
Diagnostic ‡§
Device control ‡§
Card control ‡§
Retry status ‡§
90h
Reserved
94h−9Ch
Power management capabilities ‡
Next item pointer
Capability ID
A0h
Power management data
(Reserved)
Power management
control/status bridge support
extensions
Power management control/status †‡
A4h
Reserved
A8h−ACh
Serial bus control/status ‡
Serial bus slave address ‡
Serial bus index ‡
Serial bus data ‡
B0h
Reserved
B4h−FCh
† One or more bits in this register are PME context bits and can be cleared only by the assertion of GRST when PME is enabled. If PME is not
enabled, then this bit is cleared by the assertion of PRST or GRST.
‡ One or more bits in this register are cleared only by the assertion of GRST.
§ One or more bits in this register are global in nature and must be accessed only through function 0.
4.2
Vendor ID Register
The vendor ID register contains a value allocated by the PCI SIG that identifies the manufacturer of the PCI device.
The vendor ID assigned to Texas Instruments is 104Ch.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Vendor ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
1
0
0
0
0
0
1
0
0
1
1
0
0
Register:
Vendor ID
Offset:
00h (Functions 0, 1)
Type:
Read-only
Default:
104Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com