Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7621 Datasheet(PDF) 19 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 15Page - Texas Instruments PCI7621 Datasheet HTML 16Page - Texas Instruments PCI7621 Datasheet HTML 17Page - Texas Instruments PCI7621 Datasheet HTML 18Page - Texas Instruments PCI7621 Datasheet HTML 19Page - Texas Instruments PCI7621 Datasheet HTML 20Page - Texas Instruments PCI7621 Datasheet HTML 21Page - Texas Instruments PCI7621 Datasheet HTML 22Page - Texas Instruments PCI7621 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 298 page
background image
1−1
1 Introduction
The Texas Instruments PCI7621 controller is an integrated dual-socket UltraMedia PC Card controller, Smart Card
controller, IEEE 1394 open HCI host controller and PHY, and flash media controller. This high-performance integrated
solution provides the latest in PC Card, Smart Card, IEEE 1394, Secure Digital (SD), MultiMediaCard (MMC),
Memory Stick/PRO, SmartMedia, and XD technology.
The Texas Instruments PCI7421 controller is an integrated dual-socket UltraMedia PC Card controller, IEEE 1394
Open HCI host controller and PHY, and flash media controller. This high-performance integrated solution provides
the latest in PC Card, IEEE 1394, SD, MMC, Memory Stick/PRO, SmartMedia, and XD technology.
The Texas Instruments PCI7611 controller is an integrated single-socket UltraMedia PC Card controller, Smart Card
controller, IEEE 1394 open HCI host controller and PHY, and flash media controller. This high-performance integrated
solution provides the latest in PC Card, Smart Card, IEEE 1394, SD, MMC, Memory Stick/PRO, SmartMedia, and
XD technology.
The Texas Instruments PCI7411 controller is an integrated single-socket UltraMedia PC Card controller, IEEE 1394
open HCI host controller and PHY, and flash media controller. This high-performance integrated solution provides
the latest in PC Card, IEEE 1394, SD, MMC, Memory Stick/PRO, SmartMedia, and XD technology.
For the remainder of this document, the PCI7x21 controller refers to the PCI7621 and PCI7421 controllers, and the
PCI7x11 controller refers to the PCI7611 and PCI7411 controllers.
1.1
Controller Functional Description
1.1.1
PCI7621 Controller
The PCI7621 controller is a six-function PCI controller compliant with PCI Local Bus Specification, Revision 2.3.
Functions 0 and 1 provide the independent PC Card socket controllers compliant with the PC Card Standard (Release
8.1). The PCI7621 controller provides features that make it the best choice for bridging between the PCI bus and PC
Cards, and supports any combination of Smart Card, Flash Media, 16-bit, CardBus, and USB custom card interface
PC Cards in the two sockets, powered at 5 V or 3.3 V, as required.
All card signals are internally buffered to allow hot insertion and removal without external buffering. The PCI7621
controller is register compatible with the Intel 82365SL-DF ExCA controller. The PCI7621 internal data path logic
allows the host to access 8-, 16-, and 32-bit cards using full 32-bit PCI cycles for maximum performance. Independent
buffering and a pipeline architecture provide an unsurpassed performance level with sustained bursting. The
PCI7621 controller can be programmed to accept posted writes to improve bus utilization.
Function 2 of the PCI7621 controller is compatible with IEEE Std 1394a-2000 and the latest 1394 Open Host
Controller Interface Specification. The chip provides the IEEE1394 link and 2-port PHY function and is compatible
with data rates of 100, 200, and 400 Mbits per second. Deep FIFOs are provided to buffer 1394 data and
accommodate large host bus latencies. The PCI7621 controller provides physical write posting and a highly tuned
physical data path for SBP-2 performance.
Function 3 of the PCI7621 controller is a PCI-based Flash Media controller that supports Memory Stick, Memory
Stick-Pro, SmartMedia, XD, SD, and MMC cards. This function controls communication with these Flash Media cards
through a passive PC Card adapter or through a dedicated Flash Media socket. In addition, this function includes DMA
capabilities for improved Flash Media performance.
Function 4 of the PCI7621 controller is a PCI-based SD host controller that supports MMC, SD, and SDIO cards. This
function controls communication with these Flash Media cards through a passive PC Card adapter or through a
dedicated Flash Media socket. In addition, this function is compliant with the SD Host Controller Standard
Specification and includes both DMA capabilities and support for SD suspend/resume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com