Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7621 Datasheet(PDF) 72 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 72 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 68Page - Texas Instruments PCI7621 Datasheet HTML 69Page - Texas Instruments PCI7621 Datasheet HTML 70Page - Texas Instruments PCI7621 Datasheet HTML 71Page - Texas Instruments PCI7621 Datasheet HTML 72Page - Texas Instruments PCI7621 Datasheet HTML 73Page - Texas Instruments PCI7621 Datasheet HTML 74Page - Texas Instruments PCI7621 Datasheet HTML 75Page - Texas Instruments PCI7621 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 298 page
background image
3−16
Table 3−9. EEPROM Loading Map (Continued)
SERIAL ROM
OFFSET
BYTE DESCRIPTION
49h
PCI 94h, slot 0 3.3 V maximum current
4Ah
PCI 98h, slot 1 3.3 V maximum current
4Bh
PCI 9Ch, slot 2 3.3 V maximum current
4Ch
Reserved (PCI A0h, slot 3 3.3 V maximum current)
4Dh
Reserved (PCI A4h, slot 4 3.3 V maximum current)
4Eh
Reserved (PCI A8h, slot 5 3.3 V maximum current)
4Fh
PCI Smart Card function indicator (05h)
50h
Number of bytes (0Eh)
51h
PCI 09h, class code, byte 0
52h
PCI 0Ah, class code, byte 1
53h
PCI 0Bh, class code, byte 2
54h
PCI 2Ch, subsystem vendor ID, byte 0
55h
PCI 2Dh, subsystem vendor ID, byte 1
56h
PCI 2Eh, subsystem ID, byte 0
57h
PCI 2Fh, subsystem ID, byte 1
58h
PCI 4Ch, general control bits 6−4
59h
PCI 58h, Smart Card configuration 1, byte 0, bits 6−4, 2−0
5Ah
PCI 59h, Smart Card configuration 1, byte 1, bits 6−4, 2−0
5Bh
PCI 5Ah, Smart Card configuration 1, byte 2, bits 6−4, 2−0
5Ch
PCI 5Bh, Smart Card configuration 1, byte 3, bits 7−4, 2−0
5Dh
PCI 5Ch, Smart Card configuration 2, byte 0
5Eh
PCI 5Dh, Smart Card configuration 2, byte 1
5Fh
End-of-list indicator (80h)
3.7
Programmable Interrupt Subsystem
Interrupts provide a way for I/O devices to let the microprocessor know that they require servicing. The dynamic
nature of PC Cards and the abundance of PC Card I/O applications require substantial interrupt support from the
PCI7x21/PCI7x11 controller. The PCI7x21/PCI7x11 controller provides several interrupt signaling schemes to
accommodate the needs of a variety of platforms. The different mechanisms for dealing with interrupts in this
controller are based on various specifications and industry standards. The ExCA register set provides interrupt
control for some 16-bit PC Card functions, and the CardBus socket register set provides interrupt control for the
CardBus PC Card functions. The PCI7x21/PCI7x11 controller is, therefore, backward compatible with existing
interrupt control register definitions, and new registers have been defined where required.
The PCI7x21/PCI7x11 controller detects PC Card interrupts and events at the PC Card interface and notifies the host
controller using one of several interrupt signaling protocols. To simplify the discussion of interrupts in the
PCI7x21/PCI7x11 controller, PC Card interrupts are classified either as card status change (CSC) or as functional
interrupts.
The method by which any type of PCI7x21/PCI7x11 interrupt is communicated to the host interrupt controller varies
from system to system. The PCI7x21/PCI7x11 controller offers system designers the choice of using parallel PCI
interrupt signaling, parallel ISA-type IRQ interrupt signaling, or the IRQSER serialized ISA and/or PCI interrupt
protocol. It is possible to use the parallel PCI interrupts in combination with either parallel IRQs or serialized IRQs,
as detailed in the sections that follow. All interrupt signaling is provided through the seven multifunction terminals,
MFUNC0−MFUNC6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com