Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7621 Datasheet(PDF) 22 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 18Page - Texas Instruments PCI7621 Datasheet HTML 19Page - Texas Instruments PCI7621 Datasheet HTML 20Page - Texas Instruments PCI7621 Datasheet HTML 21Page - Texas Instruments PCI7621 Datasheet HTML 22Page - Texas Instruments PCI7621 Datasheet HTML 23Page - Texas Instruments PCI7621 Datasheet HTML 24Page - Texas Instruments PCI7621 Datasheet HTML 25Page - Texas Instruments PCI7621 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 298 page
background image
1−4
1.2
Features
The PCI7x21/PCI7x11 controller supports the following features:
•
PC Card Standard 8.1 compliant
•
PCI Bus Power Management Interface Specification 1.1 compliant
•
Advanced Configuration and Power Interface (ACPI) Specification 2.0 compliant
•
PCI Local Bus Specification Revision 2.3 compliant
•
PC 98/99 and PC2001 compliant
•
Windows Logo Program 2.0 compliant
•
PCI Bus Interface Specification for PCI-to-CardBus Bridges
•
Fully compliant with provisions of IEEE Std 1394-1995 for a high-performance serial bus and IEEE Std
1394a-2000
•
Fully compliant with 1394 Open Host Controller Interface Specification 1.1
•
1.5-V core logic and 3.3-V I/O cells with internal voltage regulator to generate 1.5-V core VCC
•
Universal PCI interfaces compatible with 3.3-V and 5-V PCI signaling environments
•
Supports PC Card or CardBus with hot insertion and removal
•
Supports 132-MBps burst transfers to maximize data throughput on both the PCI bus and the CardBus
•
Supports serialized IRQ with PCI interrupts
•
Programmable multifunction terminals
•
Many interrupt modes supported
•
Serial ROM interface for loading subsystem ID and subsystem vendor ID
•
ExCA-compatible registers are mapped in memory or I/O space
•
Intel 82365SL-DF register compatible
•
Supports ring indicate, SUSPEND, and PCI CLKRUN protocols
•
Provides VGA/palette memory and I/O, and subtractive decoding options, LED activity terminals
•
Fully interoperable with FireWire
 and i.LINK implementations of IEEE Std 1394
•
Compliant with Intel Mobile Power Guideline 2000
•
Full IEEE Std 1394a-2000 support includes: connection debounce, arbitrated short reset, multispeed
concatenation, arbitration acceleration, fly-by concatenation, and port disable/suspend/resume
•
Power-down features to conserve energy in battery-powered applications include: automatic device power
down during suspend, PCI power management for link-layer, and inactive ports powered down,
ultralow-power sleep mode
•
Two IEEE Std 1394a-2000 fully compliant cable ports at 100M bits/s, 200M bits/s, and 400M bits/s
•
Cable ports monitor line conditions for active connection to remote node
•
Cable power presence monitoring
•
Separate cable bias (TPBIAS) for each port
•
Physical write posting of up to three outstanding transactions
•
PCI burst transfers and deep FIFOs to tolerate large host latency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com