Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7621 Datasheet(PDF) 33 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 29Page - Texas Instruments PCI7621 Datasheet HTML 30Page - Texas Instruments PCI7621 Datasheet HTML 31Page - Texas Instruments PCI7621 Datasheet HTML 32Page - Texas Instruments PCI7621 Datasheet HTML 33Page - Texas Instruments PCI7621 Datasheet HTML 34Page - Texas Instruments PCI7621 Datasheet HTML 35Page - Texas Instruments PCI7621 Datasheet HTML 36Page - Texas Instruments PCI7621 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 298 page
background image
2−7
Table 2−1. Signal Names by GHK Terminal Number (Continued)
TERMINAL
SIGNAL NAME
TERMINAL
SIGNAL NAME
TERMINAL
NUMBER
CardBus PC Card
16-Bit PC Card
TERMINAL
NUMBER
CardBus PC Card
16-Bit PC Card
K05
SC_CLK
SC_CLK
M18
B_CC/BE0
B_CE1
K07
SC_VCC_5V
SC_VCC_5V
M19
VR_PORT
VR_PORT
K08
VCC
VCC
N01
DATA
DATA
K09
GND
GND
N02
LATCH
LATCH
K10
GND
GND
N03
MFUNC0
MFUNC0
K11
GND
GND
N05
MFUNC5
MFUNC5
K12
VCC
VCC
N07
VCC
VCC
K13
B_CPAR
B_A13
N08
DEVSEL
DEVSEL
K14
B_CC/BE1
B_A8
N09
AD12
AD12
K15
B_RSVD
B_A18
N10
AD8
AD8
K17
B_CAD16
B_A17
N11
AD1
AD1
K18
B_CAD14
B_A9
N12
AGND
AGND
K19
VCCB
VCCB
N13
B_CCD1
B_CD1
L01
SC_DATA
SC_DATA
N15
B_CAD4
B_D12
L02
SC_CD
SC_CD
N17
B_RSVD
B_D14
L03
SC_OC
SC_OC
N18
B_CAD5
B_D6
L05
SC_PWR_CTRL
SC_PWR_CTRL
N19
B_CAD6
B_D13
L06
CLOCK
CLOCK
P01
MFUNC2
MFUNC2
L07
SPKROUT
SPKROUT
P02
MFUNC3
MFUNC3
L08
GND
GND
P03
MFUNC4
MFUNC4
L09
GND
GND
P05
PCLK
PCLK
L10
GND
GND
P06
AD20
AD20
L11
GND
GND
P09
PAR
PAR
L12
GND
GND
P12
TEST0
TEST0
L13
B_CAD15
B_IOWR
P14
VSSPLL
VSSPLL
L15
B_CAD13
B_IORD
P15
CNA
CNA
L17
B_CAD12
B_A11
P17
B_CAD1
B_D4
L18
B_CAD11
B_OE
P18
B_CAD2
B_D11
L19
B_CAD10
B_CE2
P19
B_CAD0
B_D3
M01
CLK_48
CLK_48
R01
MFUNC6
MFUNC6
M02
SDA
SDA
R02
SUSPEND
SUSPEND
M03
SCL
SCL
R03
PRST
PRST
M05
MFUNC1
MFUNC1
R06
AD21
AD21
M07
VCC
VCC
R07
AD16
AD16
M08
GND
GND
R08
TRDY
TRDY
M09
VCC
VCC
R09
AD13
AD13
M10
VCC
VCC
R10
AD9
AD9
M11
CPS
CPS
R11
AD5
AD5
M12
VCC
VCC
R12
PC0(TEST1)
PC0(TEST1)
M13
B_CAD3
B_D5
R13
AVDD
AVDD
M14
B_CAD8
B_D15
R14
AVDD
AVDD
M15
B_CAD7
B_D7
R17
PHY_TEST_MA
PHY_TEST_MA
M17
B_CAD9
B_A10
R18
XI
XI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com