Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7621 Datasheet(PDF) 97 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 97 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 93Page - Texas Instruments PCI7621 Datasheet HTML 94Page - Texas Instruments PCI7621 Datasheet HTML 95Page - Texas Instruments PCI7621 Datasheet HTML 96Page - Texas Instruments PCI7621 Datasheet HTML 97Page - Texas Instruments PCI7621 Datasheet HTML 98Page - Texas Instruments PCI7621 Datasheet HTML 99Page - Texas Instruments PCI7621 Datasheet HTML 100Page - Texas Instruments PCI7621 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 298 page
background image
4−7
4.9
Latency Timer Register
The latency timer register specifies the latency timer for the PCI7x21/PCI7x11 controller, in units of PCI clock cycles.
When the PCI7x21/PCI7x11 controller is a PCI bus initiator and asserts FRAME, the latency timer begins counting
from zero. If the latency timer expires before the PCI7x21/PCI7x11 transaction has terminated, then the
PCI7x21/PCI7x11 controller terminates the transaction when its GNT is deasserted.
Bit
7
6
5
4
3
2
1
0
Name
Latency timer
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
Latency timer
Offset:
0Dh
Type:
Read/Write
Default:
00h
4.10 Header Type Register
The header type register returns 82h when read, indicating that the PCI7x21/PCI7x11 functions 0 and 1 configuration
spaces adhere to the CardBus bridge PCI header. The CardBus bridge PCI header ranges from PCI registers
00h−7Fh, and 80h−FFh is user-definable extension registers.
Bit
7
6
5
4
3
2
1
0
Name
Header type
Type
R
R
R
R
R
R
R
R
Default
1
0
0
0
0
0
1
0
Register:
Header type
Offset:
0Eh (Functions 0, 1)
Type:
Read-only
Default:
82h
4.11 BIST Register
Because the PCI7x21/PCI7x11 controller does not support a built-in self-test (BIST), this register returns the value
of 00h when read.
Bit
7
6
5
4
3
2
1
0
Name
BIST
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Register:
BIST
Offset:
0Fh (Functions 0, 1)
Type:
Read-only
Default:
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com