Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7621 Datasheet(PDF) 101 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 101 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 97Page - Texas Instruments PCI7621 Datasheet HTML 98Page - Texas Instruments PCI7621 Datasheet HTML 99Page - Texas Instruments PCI7621 Datasheet HTML 100Page - Texas Instruments PCI7621 Datasheet HTML 101Page - Texas Instruments PCI7621 Datasheet HTML 102Page - Texas Instruments PCI7621 Datasheet HTML 103Page - Texas Instruments PCI7621 Datasheet HTML 104Page - Texas Instruments PCI7621 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 298 page
background image
4−11
4.18 CardBus Latency Timer Register
The CardBus latency timer register is programmed by the host system to specify the latency timer for the
PCI7x21/PCI7x11 CardBus interface, in units of CCLK cycles. When the PCI7x21/PCI7x11 controller is a CardBus
initiator and asserts CFRAME, the CardBus latency timer begins counting. If the latency timer expires before the
PCI7x21/PCI7x11 transaction has terminated, then the PCI7x21/PCI7x11 controller terminates the transaction at the
end of the next data phase. A recommended minimum value for this register of 20h allows most transactions to be
completed.
Bit
7
6
5
4
3
2
1
0
Name
CardBus latency timer
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
CardBus latency timer
Offset:
1Bh (Functions 0, 1)
Type:
Read/Write
Default:
00h
4.19 CardBus Memory Base Registers 0, 1
These registers indicate the lower address of a PCI memory address range. They are used by the PCI7x21/PCI7x11
controller to determine when to forward a memory transaction to the CardBus bus, and likewise, when to forward a
CardBus cycle to PCI. Bits 31−12 of these registers are read/write and allow the memory base to be located anywhere
in the 32-bit PCI memory space on 4-Kbyte boundaries. Bits 11−0 are read-only and always return 0s. Writes to these
bits have no effect. Bits 8 and 9 of the bridge control register (PCI offset 3Eh, see Section 4.25) specify whether
memory windows 0 and 1 are prefetchable or nonprefetchable. The memory base register or the memory limit register
must be nonzero in order for the PCI7x21/PCI7x11 controller to claim any memory transactions through CardBus
memory windows (i.e., these windows by default are not enabled to pass the first 4 Kbytes of memory to CardBus).
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Memory base registers 0, 1
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Memory base registers 0, 1
Type
RW
RW
RW
RW
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Memory base registers 0, 1
Offset:
1Ch, 24h
Type:
Read-only, Read/Write
Default:
0000 0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com