Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7621 Datasheet(PDF) 95 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 95 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 91Page - Texas Instruments PCI7621 Datasheet HTML 92Page - Texas Instruments PCI7621 Datasheet HTML 93Page - Texas Instruments PCI7621 Datasheet HTML 94Page - Texas Instruments PCI7621 Datasheet HTML 95Page - Texas Instruments PCI7621 Datasheet HTML 96Page - Texas Instruments PCI7621 Datasheet HTML 97Page - Texas Instruments PCI7621 Datasheet HTML 98Page - Texas Instruments PCI7621 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 298 page
background image
4−5
Table 4−3. Command Register Description (continued)
BIT
SIGNAL
TYPE
FUNCTION
1
MEM_EN
RW
Memory space enable. This bit controls whether or not the PCI7x21/PCI7x11 controller can claim cycles
in PCI memory space.
0 = Disables the PCI7x21/PCI7x11 response to memory space accesses (default)
1 = Enables the PCI7x21/PCI7x11 response to memory space accesses
0
IO_EN
RW
I/O space control. This bit controls whether or not the PCI7x21/PCI7x11 controller can claim cycles in PCI
I/O space.
0 = Disables the PCI7x21/PCI7x11 controller from responding to I/O space accesses (default)
1 = Enables the PCI7x21/PCI7x11 controller to respond to I/O space accesses
4.5
Status Register
The status register provides device information to the host system. Bits in this register can be read normally. A bit
in the status register is reset when a 1 is written to that bit location; a 0 written to a bit location has no effect. All bit
functions adhere to the definitions in the PCI Bus Specification, as seen in the bit descriptions. PCI bus status is shown
through each function. See Table 4−4 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Status
Type
RW
RW
RW
RW
RW
R
R
RW
R
R
R
R
RU
R
R
R
Default
0
0
0
0
0
0
1
0
0
0
0
1
0
0
0
0
Register:
Status
Offset:
06h (Functions 0, 1)
Type:
Read-only, Read/Write
Default:
0210h
Table 4−4. Status Register Description
BIT
SIGNAL
TYPE
FUNCTION
15 ‡
PAR_ERR
RW
Detected parity error. This bit is set when a parity error is detected, either an address or data parity error.
Write a 1 to clear this bit.
14 ‡
SYS_ERR
RW
Signaled system error. This bit is set when SERR is enabled and the PCI7x21/PCI7x11 controller signaled
a system error to the host. Write a 1 to clear this bit.
13 ‡
MABORT
RW
Received master abort. This bit is set when a cycle initiated by the PCI7x21/PCI7x11 controller on the PCI
bus has been terminated by a master abort. Write a 1 to clear this bit.
12 ‡
TABT_REC
RW
Received target abort. This bit is set when a cycle initiated by the PCI7x21/PCI7x11 controller on the PCI
bus was terminated by a target abort. Write a 1 to clear this bit.
11 ‡
TABT_SIG
RW
Signaled target abort. This bit is set by the PCI7x21/PCI7x11 controller when it terminates a transaction on
the PCI bus with a target abort. Write a 1 to clear this bit.
10−9
PCI_SPEED
R
DEVSEL timing. These bits encode the timing of DEVSEL and are hardwired to 01b indicating that the
PCI7x21/PCI7x11 controller asserts this signal at a medium speed on nonconfiguration cycle accesses.
8 ‡
DATAPAR
RW
Data parity error detected. Write a 1 to clear this bit.
0 = The conditions for setting this bit have not been met.
1 = A data parity error occurred and the following conditions were met:
a. PERR was asserted by any PCI device including the PCI7x21/PCI7x11 controller.
b. The PCI7x21/PCI7x11 controller was the bus master during the data parity error.
c. The parity error response bit is set in the command register.
7
FBB_CAP
R
Fast back-to-back capable. The PCI7x21/PCI7x11 controller cannot accept fast back-to-back transactions;
thus, this bit is hardwired to 0.
6
UDF
R
UDF supported. The PCI7x21/PCI7x11 controller does not support user-definable features; therefore, this
bit is hardwired to 0.
5
66MHZ
R
66-MHz capable. The PCI7x21/PCI7x11 controller operates at a maximum PCLK frequency of 33 MHz;
therefore, this bit is hardwired to 0.
‡ This bit is cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com