Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT311D-32L1C-R Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT311D-32L1C-R
Description  USB Android Host IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32L1C-R Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT311D-32L1C-R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
1
DS_FT311D
USB ANDROID HOST IC Datasheet
Version 1.2
Document No.: FT_000660 Clearance No.: FTDI# 305
Future Technology Devices
International Ltd.
FT311D
(USB Android Host IC)
The FT311D is a Full Speed USB host
specifically
targeted
at
providing
access to peripheral hardware from an
Android platform with a USB device
port. The device will bridge the USB
port to six user selectable interface
types and has the following advanced
features:
Single chip USB to selectable interface.
Entire USB protocol handled on the chip. No
USB specific firmware programming required.
Interface options selectable via 3 mode select
pins.
7 GPIO lines interface option
Basic UART interface with RXD, TXD, RTS, CTS
pins option.
TX_ACTIVE signal for controlling transceivers
on RS485 interfaces.
4 PWM channels option.
I2C master interface option.
SPI Slave interface option supporting modes 0,
1, 2 and 3 with MSB/LSB options
SPI Master interface option supporting modes
0, 1, 2 and 3 with MSB/LSB options.
USB error indicator pin
Suitable for use on any Android platform
supporting Android Open Accessory Mode
(Typically
3.1
onwards,
however
some
platforms may port Open Accessory Mode to
version 2.3.4)
12MHz oscillator using external crystal.
Integrated power-on-reset circuit.
+3V3 Single Supply Operation with 5V tolerant
inputs.
USB 2.0 Full Speed compatible.
Extended operating temperature range; -40⁰C
to 85⁰C.
Available in compact Pb-free 32 Pin LQFP and
QFN packages (both RoHS compliant).
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow
G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT311D-32L1C-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT311D-32L1C-X FTDI-FT311D-32L1C-X Datasheet
1Mb / 40P
USB Android Host IC
Version 1.2
More results

Similar Description - FT311D-32L1C-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
Embedded USB Host Controller IC
VNC2-64L1B FTDI-VNC2-64L1B Datasheet
1Mb / 90P
VINCULUM-II EMBEDDED DUAL USB HOST CONTROLLER IC
VNC1L-1A FTDI-VNC1L-1A Datasheet
767Kb / 32P
Vinculum VNC1L Embedded USB Host Controller IC
FT311D-32Q1C-R FTDI-FT311D-32Q1C-R Datasheet
1Mb / 40P
USB Android Host IC
FT312D-32Q1C-R FTDI-FT312D-32Q1C-R Datasheet
757Kb / 27P
USB Android Host IC
FT312D-32Q1C-T FTDI-FT312D-32Q1C-T Datasheet
757Kb / 27P
USB Android Host IC
VNC2-32L1B-TRAY FTDI-VNC2-32L1B-TRAY Datasheet
2Mb / 88P
Vinculum-II Embedded Dual USB Host Controller IC
VNC2-48Q1B-TRAY FTDI-VNC2-48Q1B-TRAY Datasheet
2Mb / 88P
Vinculum-II Embedded Dual USB Host Controller IC
VNC2-64L1B-REEL FTDI-VNC2-64L1B-REEL Datasheet
2Mb / 88P
Vinculum-II Embedded Dual USB Host Controller IC
logo
Nanjing Qinheng Microel...
CH9343 WCH-CH9343 Datasheet
140Kb / 7P
USB Android Host Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com