Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT311D-32L1C-R Datasheet(PDF) 18 Page - Future Technology Devices International Ltd.

Part # FT311D-32L1C-R
Description  USB Android Host IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32L1C-R Datasheet(HTML) 18 Page - Future Technology Devices International Ltd.

Back Button FT311D-32L1C-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 22Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
18
DS_FT311D
USB ANDROID HOST IC Datasheet
Version 1.2
Document No.: FT_000660 Clearance No.: FTDI# 305
5.5.3 Serial Peripheral Interface – SPI Master
FT311 - SPI Master
External - SPI Slave
CLK
SS#
MISO
MOSI
Figure 5-8 SPI Master block diagram
The SPI Master interface is used to interface to applications such as Real time clocks and audio codecs.
The SPI Master provides the following features:
Synchronous serial data link.
Full and half duplex data transmission.
Serial clock with programmable frequency, polarity and phase.
One slave select output.
5.5.3.1 SPI Master Signal Descriptions.
Table 5.5 shows the SPI master signals and the pins
Pin No
Name
Type
Description
29
spi_m_clk
Output
SPI master clock input
30
spi_m_mosi
Output
Master Out Slave In
Synchronous data from master to slave
31
spi_m_miso
Input
Master In Slave Out
Synchronous data from slave to master
26
spi_m_ss_0#
Output
Active low slave select 0 from master to
slave
Table 5.5 SPI Master Signal Names
The main purpose of the SPI Master block is to transfer data between an external SPI interface and the
FT311D.
An SPI master interface transfer can only be initiated by the SPI Master and begins with the slave select
signal being asserted. This is followed by a data byte being clocked out with the master supplying SCLK.
The master typically supplies the first byte, which is called a command byte. After this the desired



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com