Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT311D-32L1C-R Datasheet(PDF) 30 Page - Future Technology Devices International Ltd.

Part # FT311D-32L1C-R
Description  USB Android Host IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32L1C-R Datasheet(HTML) 30 Page - Future Technology Devices International Ltd.

Back Button FT311D-32L1C-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 34Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
30
DS_FT311D
USB ANDROID HOST IC Datasheet
Version 1.2
Document No.: FT_000660 Clearance No.: FTDI# 305
9 Package Parameters
FT311D is available in RoHS Compliant packages, QFN package (32QFN) and an LQFP package (32LQFP).
The packages are lead (Pb) free and use a ‘green’ compound. The package is fully compliant with
European Union directive 2002/95/EC.
The mechanical drawings of the packages are shown in sections 9.2- all dimensions are in millimetres.
The solder reflow profile for all packages can be viewed in Section 9.3.
9.1 FT311D Package Markings
9.1.1 QFN-32
An example of the markings on the QFN package are shown in Figure 9-1. The FTDI part number is too
long for the 32 QFN package so in this case the last two digits are wrapped down onto the date code line.
Figure 9-1 QFN Package Markings
1C should be printed on line 4, then a space and then the Date Code.
1. YYWW = Date Code, where YY is year and WW is week number
2. Marking alignment should be centre justified
3. Laser Marking should be used
4. All marking dimensions should be marked proportionally. Marking font should be using
Unisem standard font (Roman Simplex)
FTDI
II
XXXXXXXX
FT311D-32Q
Line 1 – FTDI Logo
Line 4 – Revision and Date
Code
Line 2 – Wafer Lot Number
1
32
Line 3 – FTDI Part Number
1C YYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com