Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT311D-32L1C-R Datasheet(PDF) 22 Page - Future Technology Devices International Ltd.

Part # FT311D-32L1C-R
Description  USB Android Host IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32L1C-R Datasheet(HTML) 22 Page - Future Technology Devices International Ltd.

Back Button FT311D-32L1C-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 26Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
22
DS_FT311D
USB ANDROID HOST IC Datasheet
Version 1.2
Document No.: FT_000660 Clearance No.: FTDI# 305
7.1 DC Characteristics
DC Characteristics (Ambient Temperature -40˚C to +125˚C)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Vcc1
VCC Operating Supply
Voltage
2.97
3.3
3.63
V
Vcc2
VCCIO Operating Supply
Voltage
2.97
3.3
3.63
V
VCC_PLL
VCC_PLL Operating
Supply Voltage
1.62
1.8
1.98
V
Icc1
Operating Supply Current
48MHz
25
mA
Normal
Operation
Icc2
Operating Supply Current
128
µA
USB Suspend
Table 7.2 Operating Voltage and Current
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
2.4
V
I source = 8mA
Vol
Output Voltage Low
0.4
V
I sink = 8mA
Vin
Input Switching
Threshold
1.5
V
Table 7.3 I/O Pin Characteristics
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
UVoh
I/O Pins Static Output
( High)
2.8
V
UVol
I/O Pins Static Output
( Low )
0.3
V
UVse
Single Ended Rx
Threshold
0.8
2.0
V
UCom
Differential Common
Mode
0.8
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com