Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT311D-32L1C-R Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT311D-32L1C-R
Description  USB Android Host IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32L1C-R Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT311D-32L1C-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
21
DS_FT311D
USB ANDROID HOST IC Datasheet
Version 1.2
Document No.: FT_000660 Clearance No.: FTDI# 305
7 Absolute Maximum Ratings
The absolute maximum ratings for FT311D are shown in Table 7.1. These are in accordance with the
Absolute Maximum Rating System (IEC 60134). Exceeding these may cause permanent damage to the
device.
Parameter
Value
Unit
Storage Temperature
-65°C to 150°C
Degrees C
Floor Life (Out of Bag) At Factory Ambient
( 30°C / 60% Relative Humidity)
168 Hours
(IPC/JEDEC J-STD-033A MSL Level 3
Compliant)*
Hours
Ambient Temperature (Power Applied)
-40°C to 85°C
Degrees
C.
Vcc Supply Voltage
0 to +3.63
V
VCC_IO
0 to +3.63
V
VCC_PLL_IN
0 to + 1.98
V
DC Input Voltage - USBDP and USBDM
-0.5 to +(Vcc +0.5)
V
DC Input Voltage - High Impedance
Bidirectional
-0.5 to +5.00
V
DC Input Voltage - All other Inputs
-0.5 to +(Vcc +0.5)
V
DC Output Current - Outputs
4
mA
DC Output Current - Low Impedance
Bidirectional
4
mA
Table 7.1 Absolute Maximum Ratings
*
If devices are stored out of the packaging beyond this time limit the devices should be baked
before use. The devices should be ramped up to a temperature of 125°C and baked for up to 17
hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com