Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT311D-32L1C-R Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # FT311D-32L1C-R
Description  USB Android Host IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32L1C-R Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button FT311D-32L1C-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
6
DS_FT311D
USB ANDROID HOST IC Datasheet
Version 1.2
Document No.: FT_000660 Clearance No.: FTDI# 305
3 Device Pin Out and Signal Description
3.1 Package Symbol
Figure 3.1 QFN Schematic Symbol
Note the pinout is the same for the QFN and LQFP packages.
3.1.1 Package PinOut Description
Note: # denotes an active low signal.
Pin No.
Name
Type
Description
2
3.3V
VREGIN
POWER
Input
3V3 supply to IC internal 1V8 regulator
3
1.8V VCC
PLL IN
POWER
Input
1V8 supply to IC core
13, 22, 28
VCCIO
POWER
Input
3V3 supply for the IO cells
7
VREGOUT
POWER
Output
1V8 output. May be used as input source for pin 3.
1,6,16,19,27
GND
POWER
Input
0V Ground input.
Table 3.1 Power and Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com