Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT311D-32L1C-R Datasheet(PDF) 19 Page - Future Technology Devices International Ltd.

Part # FT311D-32L1C-R
Description  USB Android Host IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32L1C-R Datasheet(HTML) 19 Page - Future Technology Devices International Ltd.

Back Button FT311D-32L1C-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 23Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
19
DS_FT311D
USB ANDROID HOST IC Datasheet
Version 1.2
Document No.: FT_000660 Clearance No.: FTDI# 305
number of data bytes are transferred before the transaction is terminated by the master de-asserting
slave select. However the FT311D is simply a data pipe and no command is required by the FT311D itself.
Any command protocol would be defined by the Android application.
The SPI Master will transmit on MOSI as well as receive on MISO during every data stage.
Figure 5-9 Typical SPI Master Timing and Table 5.6 SPI Master Timing show an example of this.
Figure 5-9 Typical SPI Master Timing
Table 5.6 SPI Master Timing
Time
Description
Minimum
Typical
Maximum
Unit
t1
SCLK period
39.68
41.67
ns
t2
SCLK high period
19.84
20.84
21.93
ns
t3
SCLK low period
19.84
20.84
21.93
ns
t4
SCLK driving edge to
MOSI/SS
-1.5
3
ns
t5
MISO setup time to sample
SCLK edge
6.5
ns
t6
MISO hold time from sample
SCLK edge
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com